Electronic Components Datasheet Search
  English  ▼

X  

INA152 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA152
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA152 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA152 Datasheet HTML 2Page - Texas Instruments INA152 Datasheet HTML 3Page - Texas Instruments INA152 Datasheet HTML 4Page - Texas Instruments INA152 Datasheet HTML 5Page - Texas Instruments INA152 Datasheet HTML 6Page - Texas Instruments INA152 Datasheet HTML 7Page - Texas Instruments INA152 Datasheet HTML 8Page - Texas Instruments INA152 Datasheet HTML 9Page - Texas Instruments INA152 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
INA152
6
SBOS184
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = ±10V, RL = 10kΩ connected to GND, and Ref = GND, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
25
µs/div
SETTLING TIME vs LOAD CAPACITANCE
45
40
35
30
25
20
Loading Capacitance (pF)
100
1000
0.01%
0.1%
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE
25
20
15
10
5
0
–5
–10
–15
–20
–25
Output Voltage (V)
–10
10
–7.5
–5
–2.5
0
2.5
5
7.5
V
S = ±10V
V
S = +5V
V
S = ±2.5V
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
16
14
12
10
8
6
4
2
0
Offset Voltage (
µV)
V
S = ±10V
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
16
14
12
10
8
6
4
2
0
Offset Voltage (
µV)
V
S = ±2.5V
SMALL-SIGNAL STEP RESPONSE
50ms/div
C
L = 25
C
L = 470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com