Electronic Components Datasheet Search
  English  ▼

X  

INA152 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA152
Description  Single-Supply DIFFERENCE AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA152 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA152 Datasheet HTML 4Page - Texas Instruments INA152 Datasheet HTML 5Page - Texas Instruments INA152 Datasheet HTML 6Page - Texas Instruments INA152 Datasheet HTML 7Page - Texas Instruments INA152 Datasheet HTML 8Page - Texas Instruments INA152 Datasheet HTML 9Page - Texas Instruments INA152 Datasheet HTML 10Page - Texas Instruments INA152 Datasheet HTML 11Page - Texas Instruments INA152 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
INA152
8
SBOS184
APPLICATIONS INFORMATION
The INA152 is a low-power difference amplifier suitable for
a wide range of general-purpose applications. Figure 1
shows the basic connections required for operation of the
INA152. Decoupling capacitors are strongly recommended
in applications with noisy or high-impedance power sup-
plies. The capacitors should be placed close to the device
pins, as shown in Figure 1.
As shown in Figure 1, the differential input signal is con-
nected to pins 2 and 3. The source impedances connected to
the inputs must be nearly equal to assure good common-
mode rejection. An 8
Ω mismatch in source impedance will
degrade the common-mode rejection of a typical device to
approximately 80dB (a 16
Ω mismatch degrades CMR to
74dB). If the source has a known impedance mismatch, an
additional resistor in series with the opposite input can be
used to preserve good common-mode rejection.
The INA152’s internal resistors are accurately ratio trimmed
to match. That is, R1 is trimmed to match R2, and R3 is
trimmed to match R4. However, the absolute values may not
be equal (R1 + R2 may be slightly different than R3 + R4).
Thus, large series resistors on the input (greater than 250
Ω),
even if well matched, will degrade common-mode rejection.
Circuit-board layout constraints might suggest possible varia-
tions in connections of the internal resistors. It might appear
that pins 1 and 3 could be interchanged, however, because of
the ratio trimming technique used (see paragraph above)
CMRR will be degraded. If pins 1 and 3 are interchanged,
pins 2 and 5 must also be interchanged to maintain proper
ratio matching.
OPERATING VOLTAGE
The INA152 operates from single (+2.7V to +20V) or dual
(
±1.35V to ±10V) supplies with excellent performance. Speci-
fications are production tested with +5V and
±10V supplies.
Most behavior remains unchanged throughout the full oper-
ating voltage range. Parameters that vary significantly with
operating voltage are shown in the typical performance
curves.
INPUT VOLTAGE
The INA152 can accurately measure differential signals that
are above and below the supply rails. Linear common-mode
range extends from 2 • [(V+) – 1V] to 2 • (V–) (nearly twice
the supplies). See the typical performance curve, “Input
Common-Mode Voltage vs Output Voltage”.
OFFSET VOLTAGE TRIM
The INA152 is laser trimmed for low offset voltage and drift.
Most applications require no external offset adjustment.
Figure 2 shows an optional circuit for trimming the output
offset voltage. The output is referred to the output reference
terminal (pin 1), which is normally grounded. A voltage
applied to the Ref terminal will be summed with the output
signal. This can be used to null offset voltage, as shown in
Figure 2. The source impedance of a signal applied to the Ref
terminal should be less than 10
Ω to maintain good common-
mode rejection.
FIGURE 1. Precision Difference Amplifier (Basic Power
Supply and Signal Connections).
FIGURE 2. Offset Adjustment.
V
3
+In
5
6
1
3
INA152
V
O = V3 – V2
Gain Error =
±0.01%
CMR = 94dB
Nonlinearity =
±0.002%
2
R
3
40k
Ω
R
4
40k
Ω
R
1
40k
Ω
R
2
40k
Ω
V
2
–In
1
µF
V–
4
1
µF
V+
7
V
3
5
6
3
V
O
INA152
V
O = V3 – V2
Offset Adjustment
Range =
±1mV
2
R
3
R
1
R
2
R
4
V
2
10
Ω
100k
Ω
10
Ω
100k
Ω
+V
–V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com