Electronic Components Datasheet Search
  English  ▼

X  

DS8838 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8838
Description  Quad Unified Bus Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8838 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS8838 Datasheet HTML 1Page - National Semiconductor (TI) DS8838 Datasheet HTML 2Page - National Semiconductor (TI) DS8838 Datasheet HTML 3Page - National Semiconductor (TI) DS8838 Datasheet HTML 4Page - National Semiconductor (TI) DS8838 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
7V
Input and Output Voltage
5.5V
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature, (Soldering, 4 sec.)
260˚C
Maximum Power Dissipation (Note 1) at 25˚C
Cavity Package:
1433 mW
Molded DIP Package:
1362 mW
SO Package:
1002 mW
Operating Conditions
Operating Temperature Range
0˚C to +70˚C
Supply Voltage (V
CC)
4.75V
≤ V
CC ≤ 5.25V
Note 1: Derate cavity package 9.6 mW/˚C above 25˚C; derate molded DIP
package 10.9 mW/˚C above 25˚C; derate SO package 8.01 mW/˚C above
25˚C.
Electrical Characteristics
The following apply for V
MIN ≤ VCC ≤ VMAX,TMIN ≤ TA ≤ TMAX, unless otherwise specified (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER AND DISABLE INPUTS
V
IH
Logical “1” Input Voltage
2.0
V
V
IL
Logical “0” Input Voltage
0.8
V
I
I
Logical “1” Input Current
V
IN = 5.5V
1
mA
I
IH
Logical “1” Input Current
V
IN = 2.4V
40
µA
I
IL
Logical “0” Input Current
V
IN = 0.4V
−1.6
mA
V
CL
Input Diode Clamp Voltage
I
DIS = −12 mA, IIN = −12 mA, IBUS = −12 mA,
T
A = 25˚C
−1
−1.5
V
DRIVER OUTPUT/RECEIVER INPUT
V
OLB
Low Level Bus Voltage
V
DIS = 0.8V, VIN = 2V, IBUS = 50 mA
0.4
0.7
V
I
IHB
Maximum Bus Current
V
IN = 0.8V, VBUS = 4V, VCC = VMAX
20
100
µA
I
ILB
Maximum Bus Current
V
IN = 0.8V, VBUS = 4V, VCC = 0V
2
100
µA
V
IH
High Level Receiver Threshold
V
IND = 0.8V, IOL = 16 mA, VCC =
Max
1.80
2.25
2.50
V
V
IL
Low Level Receiver Threshold
V
IND = 0.8V, VOH = −400 µA, VCC = Min
1.05
1.30
1.55
V
RECEIVER OUTPUT
V
OH
Logical “1” Output Voltage
V
IN = 0.8V, VBUS = 0.5V, IOH = −400 µA
2.4
V
V
OL
Logical “0” Output Voltage
V
IN = 0.8V, VBUS = 4V, IOL = 16 mA
0.25
0.4
V
I
OS
Output Short Circuit Current
V
DIS = 0.8V, VIN = 0.8V, VBUS = 0.5V,
V
OS = 0V, VCC = VMAX, (Note 5)
−18
−55
mA
I
CC
Supply Current
V
DIS = 0V, VIN = 2V, (Per Package)
50
70
mA
t
pd
Propagation Delays (Note 9)
Disable to Bus “1”
(Note 6)
19
30
ns
Disable to Bus “0”
(Note 6)
15
23
ns
Driver Input to Bus “1”
(Note 6)
17
25
ns
Driver Input to Bus “0”
(Note 6)
9
15
ns
Bus to Logical “1” Receiver
Output
(Note 7)
20
30
ns
Bus to Logical “0” Receiver
Output
(Note 8)
18
30
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the −55˚C to +125˚C temperature range for the DS7838 and across the 0˚C to +70˚C range for the
DS8838. All typical values are for TA = 25˚C and VCC = 5V.
Note 4: All currents into device pins shown as positive, out of device pins as negative, all voltages referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 5: Only one output at a time should be shorted.
Note 6: 91
Ω from bus pin to VCC and 200Ω from bus pin to ground, CLOAD = 15 pF total. Measured from VIN = 1.5V to VBUS = 1.5V, VIN = 0V to 3.0V pulse.
Note 7: Fan-out of 10 load, CLOAD = 15 pF total. Measured from VIN = 1.3V to VOUT = 1.5V, VIN = 0V to 3.0V pulse.
Note 8: Fan-out of 10 load, CLOAD = 15 pF total. Measured from VIN = 2.3V to VOUT = 1.5V, VIN = 0V to 3.0V pulse.
Note 9: These apply for VCC = 5V, TA = 25˚C unless otherwise speicified.
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com