Electronic Components Datasheet Search
  English  ▼

X  

DS8838 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8838
Description  Quad Unified Bus Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8838 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8838 Datasheet HTML 1Page - National Semiconductor (TI) DS8838 Datasheet HTML 2Page - National Semiconductor (TI) DS8838 Datasheet HTML 3Page - National Semiconductor (TI) DS8838 Datasheet HTML 4Page - National Semiconductor (TI) DS8838 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS8838
Quad Unified Bus Transceiver
General Description
The DS8838 is a quad high speed driver/receiver designed
for use in bus organized data transmission systems intercon-
nected by terminated 120
Ω impedance lines. The external
termination is intended to be 180
Ω resistor from the bus to
the +5V logic supply together with a 390
Ω resistor from the
bus to ground. The bus can be terminated at one or both
ends. Low bus pin current allows up to 27 driver/receiver
pairs to utilize a common bus. The bus loading is unchanged
when V
CC = 0V. The receivers incorporate hysteresis to
greatly enhance bus noise immunity. One two-input NOR
gate is included to disable all drivers in a package simulta-
neously. Receiver performance is optimized for systems with
bus rise and fall times
≤ 1.0 µs/V.
Features
n 4 totally separate driver/receiver pairs per package
n 1V typical receiver input hysteresis
n Receiver hysteresis independent of receiver output load
n Guaranteed minimum bus noise immunity of 1.3V, 2V
typ.
n Temperature-insensitive receiver thresholds track bus
logic levels
n 20 µA typical bus terminal current with normal VCC or
with V
CC = 0V
n Open collector driver output allows wire-OR connection
n High speed
n Series 74 TTL compatible driver and disable inputs and
receiver outputs
Typical Application
DS005812-1
May 1999
© 1999 National Semiconductor Corporation
DS005812
www.national.com


Similar Part No. - DS8838

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
DS8838J ROCHESTER-DS8838J Datasheet
620Kb / 1P
HIGH-SPEED BUS TRANSCEIVER featuring four driver/receiver pairs 16 pin DIP
DS8838M ROCHESTER-DS8838M Datasheet
620Kb / 1P
HIGH-SPEED BUS TRANSCEIVER featuring four driver/receiver pairs 16 pin DIP
DS8838N ROCHESTER-DS8838N Datasheet
620Kb / 1P
HIGH-SPEED BUS TRANSCEIVER featuring four driver/receiver pairs 16 pin DIP
More results

Similar Description - DS8838

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS242 MOTOROLA-SN54LS242 Datasheet
171Kb / 5P
QUAD BUS TRANSCEIVER
logo
National Semiconductor ...
DS26S10 NSC-DS26S10 Datasheet
154Kb / 7P
Quad Bus Transceiver
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
Quad Differential Bus Transceiver
DS36954 NSC-DS36954 Datasheet
156Kb / 10P
Quad Differential Bus Transceiver
DS7837 NSC-DS7837 Datasheet
107Kb / 4P
Hex Unified Bus Receiver
DS8641 NSC-DS8641 Datasheet
78Kb / 5P
Quad Unified Bus Transceiver
DS7640 NSC-DS7640 Datasheet
103Kb / 4P
Quad NOR Unified Bus Receiver
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
6-Bit Unified Bus Comparator
DS7836 NSC-DS7836 Datasheet
108Kb / 4P
Quad NOR Unified Bus Receiver
logo
Texas Instruments
DS36950 TI1-DS36950_15 Datasheet
518Kb / 17P
Quad Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com