Electronic Components Datasheet Search
  English  ▼

X  

UPC339C Datasheet(PDF) 5 Page - NEC

Part # UPC339C
Description  LOW POWER QUAD COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC339C Datasheet(HTML) 5 Page - NEC

  UPC339C Datasheet HTML 1Page - NEC UPC339C Datasheet HTML 2Page - NEC UPC339C Datasheet HTML 3Page - NEC UPC339C Datasheet HTML 4Page - NEC UPC339C Datasheet HTML 5Page - NEC UPC339C Datasheet HTML 6Page - NEC UPC339C Datasheet HTML 7Page - NEC UPC339C Datasheet HTML 8Page - NEC UPC339C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
µPC339
5
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25
°C, TYP.)
3
2
1
0
–1
–2
0
INPUT OFFSET VOLTAGE
40
20
–40
–20
–3
60
80
V+ = +5 V
V– = GND
0
10203040
1.2
1.0
0.8
0.6
RL =
∞
SUPPLY CURRENT
TA = 25 °C
TA = 70 °C
TA = 0 °C
V+ - Supply Voltage - V (V– = GND)
1,000
800
600
400
200
0
20406080
100
339C
339G2
POWER DISSIPATION
TA - Operating Ambient Temperature - °C
TA - Operating Ambient Temperature - °C
50
40
30
20
10
0
10203040
TA = 0 °C
TA = 25 °C
TA = 70 °C
V+ - Supply Voltage - V (V– = GND)
INPUT BIAS CURRENT
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
TA = 70 °C
TA = 25 °C
TA = 0 °C
OUTPUT SATURATION VOLTAGE
IO SINK - Output Sink Current - mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com