Electronic Components Datasheet Search
  English  ▼

X  

UPC339C Datasheet(PDF) 6 Page - NEC

Part # UPC339C
Description  LOW POWER QUAD COMPARATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC339C Datasheet(HTML) 6 Page - NEC

Back Button UPC339C Datasheet HTML 2Page - NEC UPC339C Datasheet HTML 3Page - NEC UPC339C Datasheet HTML 4Page - NEC UPC339C Datasheet HTML 5Page - NEC UPC339C Datasheet HTML 6Page - NEC UPC339C Datasheet HTML 7Page - NEC UPC339C Datasheet HTML 8Page - NEC UPC339C Datasheet HTML 9Page - NEC UPC339C Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µPC339
6
5
4
3
2
1
0
0
–50
–100
0
0.5
1.0
1.5
2.0
t - Time -
s
µ
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES I
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES II
t - Time -
s
µ
+5 V
5.1 k
Ω
VO
VIN
TA = 25 °C
5.0 mV Input Overdrive
20 mV
100 mV
5
4
3
2
1
0
100
50
0
0
0.5
1.0
1.5
2.0
+5 V
VO
VIN
TA = 25 °C
5 mV
20 mV
+
–
+
–
100 mV Input Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com