Electronic Components Datasheet Search
  English  ▼

X  

BQ29312 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312
Description  THREE AND FOUR CELL LITHIUM-LON ORLITHIUM-POLYMER BATTERY PROTECTION AFE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29312 Datasheet(HTML) 1 Page - Texas Instruments

  BQ29312 Datasheet HTML 1Page - Texas Instruments BQ29312 Datasheet HTML 2Page - Texas Instruments BQ29312 Datasheet HTML 3Page - Texas Instruments BQ29312 Datasheet HTML 4Page - Texas Instruments BQ29312 Datasheet HTML 5Page - Texas Instruments BQ29312 Datasheet HTML 6Page - Texas Instruments BQ29312 Datasheet HTML 7Page - Texas Instruments BQ29312 Datasheet HTML 8Page - Texas Instruments BQ29312 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
bq29312
SLUS546D − MARCH 2003 − REVISED SEPTEMBER 2004
THREE AND FOUR CELL LITHIUMION OR
LITHIUMPOLYMER BATTERY PROTECTION AFE
PW
RGE
FEATURES
D 2-, 3-, or 4-Cell Series Protection Control
D Can Directly Interface With the bq2084 Gas
Gauges
D Provides Individual Cell Voltages and Battery
Voltage to Battery Management Host
D Integrated Cell Balancing Drive
D I2C Compatible User Interface Allows Access
to Battery Information
D Programmable Threshold and Delay for Over
Load and Short Circuit During Charge and
Discharge
D System Alert Interrupt Output
D Host Control Can Initiate Sleep Power Mode
and Ship Mode
D Integrated 3.3-V, 25-mA LDO
D Supply Voltage Range From 4.5 V to 25 V
D Low Supply Current of 60-µA Typical
APPLICATIONS
D Notebook PCs
D Medical and Test Equipment
D Portable Instrumentation
DESCRIPTION
The bq29312 is a 2-, 3-, or 4-cell lithium-ion battery pack
protection analog front end (AFE) IC that incorporates a
3.3-V, 25-mA low-dropout regulator (LDO). The bq29312
also integrates an I2C compatible interface to extract
battery parameters such as cell voltages and control
output status. Other parameters such as current protection
thresholds and delays can be programmed into the
bq29312 to increase the flexibility of the battery
management system.
The bq29312 provides safety protection for overcharge,
overload, short-circuit, overvoltage, and undervoltage
conditions in conjunction with the battery management
host. In overload and short-circuit conditions, the bq29312
turns the FET drive off autonomously dependant on the
internal configuration setting.
SYSTEM PARTITIONING DIAGRAM
LDO, Therm Output Drive & UVLO
Power Management
LDO, TOUT and Power mode control
I2C
Capacity Prediction <1% Error
SMBus
Pack +
Pack −
Discharge / Charge /
Pre−Charge FETs
Cell and Pack
Voltage
Measurement
Pre−Charge
FET Drive
2−Tier Over Current Protection
32kHz Clock
Generator
bq2084
768 Bytes of
User Flash
Fuse
1st Level OV and
UV Protection
Pack Under Voltage
Power Mode
Control
Pre-charge Control
Delay Counters
Cell Balancing Algorithm and Control
Cell Balancing
Drive
System Interface
System Watchdog
Voltage Level Translator
System Interface
32kHz
Power Mode Control
Fail-Safe Protection
T1
1st Level OC
Protection
Temperature Measurement
<1% Error
TINT
Supply Voltage
bq29312
PCH FET Drive
RAM Registers
SBS v1.1 Data
bq29312 RAM/Comms Validation
XAlert
Sleep
Sense Resistor
(10 − 30 m
Ω)
PF Input
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - BQ29312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312 TI1-BQ29312 Datasheet
807Kb / 39P
FOUR CELL LITHIUM-ION
BQ29312 TI2-BQ29312 Datasheet
915Kb / 70P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
SEPTEMBER 2006
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312A TI1-BQ29312A Datasheet
1Mb / 39P
FOUR-CELL LITHIUM-ION
BQ29312APW TI-BQ29312APW Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3952-1 TI-UCC3952-1 Datasheet
101Kb / 8P
SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
Single-cell Lithium-lon Battery Protection IC
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3952A-1 TI1-UCC3952A-1 Datasheet
144Kb / 9P
SINGLE-CELL LITHIUM-LON BATTERY PROTECTION IC
logo
Neotec Semiconductor Lt...
NT1727A NEOTEC-NT1727A Datasheet
323Kb / 4P
2-Cell Lithium-lon/Polymer Protector
V1.01
NT1728A NEOTEC-NT1728A Datasheet
340Kb / 4P
3-Cell Lithium-lon/Polymer Protector
V1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com