Electronic Components Datasheet Search
  English  ▼

X  

BQ29312 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312
Description  THREE AND FOUR CELL LITHIUM-LON ORLITHIUM-POLYMER BATTERY PROTECTION AFE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29312 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ29312 Datasheet HTML 17Page - Texas Instruments BQ29312 Datasheet HTML 18Page - Texas Instruments BQ29312 Datasheet HTML 19Page - Texas Instruments BQ29312 Datasheet HTML 20Page - Texas Instruments BQ29312 Datasheet HTML 21Page - Texas Instruments BQ29312 Datasheet HTML 22Page - Texas Instruments BQ29312 Datasheet HTML 23Page - Texas Instruments BQ29312 Datasheet HTML 24Page - Texas Instruments BQ29312 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
bq29312
SLUS546D − MARCH 2003 − REVISED SEPTEMBER 2004
www.ti.com
21
SCD: Short Circuit in Discharge Configuration Register
SCD REGISTER (0X08)
7
6
5
4
3
2
1
0
SCDT3
SCDT2
SCDT1
SCDT0
SCDV3
SCDV2
SCDV1
SCDV0
This register selects the short-circuit threshold voltage and delay for discharge.
SCD(b3−b0) with corresponding SC threshold voltage with 0000 as the default.
SCD(b3−b0): These bits select the value of the short-circuit voltage threshold
0000
0.10 V
0100
0.20 V
1000
0.30 V
1100
0.40 V
0001
0.125 V
0101
0.225 V
1001
0.325 V
1101
0.425 V
0010
0.150 V
0110
0.250 V
1010
0.350 V
1110
0.450 V
0011
0.175 V
0111
0.275 V
1011
0.375 V
1111
0.475 V
SCD(b7−b4): These bits select the value of the short-circuit delay time. Exceeding the short-circuit voltage threshold for
longer than this period will turn off the corresponding CHG, DSG, and ZVCHG output as has 0000 as the default.
SCD(b7−b4) with corresponding SC delay time
0000
0
µs
0100
244
µs
1000
488
µs
1100
732
µs
0001
61
µs
0101
305
µs
1001
549
µs
1101
793
µs
0010
122
µs
0110
366
µs
1010
610
µs
1110
854
µs
0011
183
µs
0111
427
µs
1011
671
µs
1111
915
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com