Electronic Components Datasheet Search
  English  ▼

X  

TPL7407LPW Datasheet(PDF) 6 Page - Texas Instruments

Part # TPL7407LPW
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPL7407LPW Datasheet HTML 2Page - Texas Instruments TPL7407LPW Datasheet HTML 3Page - Texas Instruments TPL7407LPW Datasheet HTML 4Page - Texas Instruments TPL7407LPW Datasheet HTML 5Page - Texas Instruments TPL7407LPW Datasheet HTML 6Page - Texas Instruments TPL7407LPW Datasheet HTML 7Page - Texas Instruments TPL7407LPW Datasheet HTML 8Page - Texas Instruments TPL7407LPW Datasheet HTML 9Page - Texas Instruments TPL7407LPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Duty Cycle
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D007
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
Duty Cycle
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D008
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
Duty Cycle
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D005
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
Duty Cycle
0
20%
40%
60%
80%
100%
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D006
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
Ambient Temperature (°C)
25
45
65
85
105
125
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D003
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
Ambient Temperature (°C)
25
45
65
85
105
125
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
D004
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
N = 7
6
TPL7407L
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.8 Thermal Characteristics
Figure 3. Maximum Output Current vs. Temperature (SOIC)
Figure 4. Maximum Output Current vs. Temperature
(TSSOP)
Figure 5. D Package Maximum Collector Current vs. Duty
Cycle at 25°C
Figure 6. D Package Maximum Collector Current vs. Duty
Cycle at 70°C
Figure 7. PW Package Maximum Collector Current vs. Duty
Cycle at 25°C
Figure 8. PW Package Maximum Collector Current vs. Duty
Cycle at 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com