Electronic Components Datasheet Search
  English  ▼

X  

TPL7407LPW Datasheet(PDF) 9 Page - Texas Instruments

Part # TPL7407LPW
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL7407LPW Datasheet HTML 5Page - Texas Instruments TPL7407LPW Datasheet HTML 6Page - Texas Instruments TPL7407LPW Datasheet HTML 7Page - Texas Instruments TPL7407LPW Datasheet HTML 8Page - Texas Instruments TPL7407LPW Datasheet HTML 9Page - Texas Instruments TPL7407LPW Datasheet HTML 10Page - Texas Instruments TPL7407LPW Datasheet HTML 11Page - Texas Instruments TPL7407LPW Datasheet HTML 12Page - Texas Instruments TPL7407LPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
TPL7407L
www.ti.com
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
GPIO Voltage
1.8 V, 3.3 V or 5.0 V
Coil Supply Voltage
8.5 V to 40 V
Number of Channels
7
Output Current (RCOIL)
20 mA to 300 mA per channel
CCOM
0.1 µF
Duty Cycle
100%
8.2.1.2 Detailed Design Procedure
When using TPL7407L in a coil driving application, determine the following:
•
Input Voltage Range
•
Temperature Range
•
Output & Drive Current
•
Power Dissipation
8.2.1.2.1
TTL and other Logic Inputs
TPL7407L input interface is specified for standard 1.8 V through 5 V CMOS logic interface and can tolerate up to
30 V. At any input voltage the output drivers will be driven at it's maximum when Vcom is greater than or equal to
8.5 V.
8.2.1.2.2
Input RC Snubber
TPL7407L features an input RC snubber that helps prevent spurious switching in noisy environments. Connect
an external 1 k
Ω to 5 kΩ resistor in series with the input to further enhance TPL7407L’s noise tolerance.
8.2.1.2.3
High-impedance Input Drivers
TPL7407L features a 1-M
Ω input pull-down resistor. The presence of this resistor allows the input drivers to be
tri-stated. When a high-impedance driver is connected to a channel input the TPL7407L detects the channel
input as a low level input and remains in the OFF position. The input RC snubber helps improve noise tolerance
when input drivers are in the high-impedance state.
8.2.1.2.4
Drive Current
The coil current is determined by the coil voltage (VSUP), coil resistance & output low voltage (VOL).
ICOIL= (VSUP - VOL)/RCOIL
(1)
8.2.1.2.5
Output Low Voltage
The output low voltage (VOL) is drain to source (VDS) voltage of the output NMOS transistors when the input is
driven high and it is sinking current and can be determined by Specifications or Figure 1.
8.2.1.3 Application Curves
The following curve was generated with TPL7407L driving an OMRON G5NB relay -- Vin = 5.0 V; Vsup = 24 V &
RCOIL = 2.8 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com