Electronic Components Datasheet Search
  English  ▼

X  

TPL7407LPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPL7407LPWR
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LPWR Datasheet(HTML) 3 Page - Texas Instruments

  TPL7407LPWR Datasheet HTML 1Page - Texas Instruments TPL7407LPWR Datasheet HTML 2Page - Texas Instruments TPL7407LPWR Datasheet HTML 3Page - Texas Instruments TPL7407LPWR Datasheet HTML 4Page - Texas Instruments TPL7407LPWR Datasheet HTML 5Page - Texas Instruments TPL7407LPWR Datasheet HTML 6Page - Texas Instruments TPL7407LPWR Datasheet HTML 7Page - Texas Instruments TPL7407LPWR Datasheet HTML 8Page - Texas Instruments TPL7407LPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
IN1
IN2
IN3
IN4
IN5
IN6
IN7
16 OUT1
15
OUT2
14 OUT3
13 OUT4
12 OUT5
11 OUT6
10
OUT7
GND
9
COM
LDO
EMF
Clamp
EMF
Clamp
EMF
Clamp
EMF
Clamp
EMF
Clamp
EMF
Clamp
EMF
Clamp
1
2
3
4
5
6
7
8
3
TPL7407L
www.ti.com
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D/PW
16-PIN SOIC/TSSOP
TOP VIEW
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
COM
9
—
Supply pin that should be tied to 8.5 V or higher for proper operation (see
Power Supply Recommendations for further instruction)
GND
8
—
Ground pin
IN(X)
1, 2, 3, 4, 5, 6, 7
I
GPIO inputs that will drive the outputs "low" (or sink current) when driven
"high"
OUT(X)
16, 15, 14, 13, 12,
11, 10
O
Driver output that sinks currents after input is driven "high"
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND/substrate pin, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
6 Specifications
6.1 Absolute Maximum Ratings
at 25°C free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
VOUT
Pins OUT1-OUT7 to GND voltage
–0.3
42
V
VOK
Output Clamp diode reverse voltage(2)
–0.3
42
V
VCOM
COM pin voltage(2)
–0.3
42
V
VIN
Pins IN1-IN7 to GND voltage (2)
–0.3
30
V
IDS
Continuous drain current per channel(3) (4)
600
mA
IOK
Output clamp current
500
mA
IGND
Total continuous GND-pin current
–2
A
TA
Operating free-air temperature range
–40
125
°C
TJ
Operating virtual junction temperature
–40
150
°C
Tstg
Storage temperature range
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com