Electronic Components Datasheet Search
  English  ▼

X  

TPL7407LPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPL7407LPWR
Description  TPL7407L 40-V 7-Channel Low Side Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPL7407LPWR Datasheet HTML 3Page - Texas Instruments TPL7407LPWR Datasheet HTML 4Page - Texas Instruments TPL7407LPWR Datasheet HTML 5Page - Texas Instruments TPL7407LPWR Datasheet HTML 6Page - Texas Instruments TPL7407LPWR Datasheet HTML 7Page - Texas Instruments TPL7407LPWR Datasheet HTML 8Page - Texas Instruments TPL7407LPWR Datasheet HTML 9Page - Texas Instruments TPL7407LPWR Datasheet HTML 10Page - Texas Instruments TPL7407LPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
COM
OUT(1-7)
IN(1-7)
1M
50k
OVP
Regulation
Circuitry
DRIVER
7
TPL7407L
www.ti.com
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
This device has proven ubiquity and versatility across a wide range of applications. This is due to it's integration
of 7 low side NMOS transistors that are capable of sinking up to 600mA and wide GPIO range capability.
The TPL7407L comprises seven high voltage, high current NMOS transistors tied to a common ground driven by
internal level shifting and gate drive circuitry. The TPL7407L offers solutions to many interface needs, including
solenoids, relays, lamps, small motors, and LEDs. Applications requiring sink currents beyond the capability of a
single output may be accommodated by paralleling the outputs.
The TPL7407L also enables pin to pin replacement with legacy 7 channel darlington pair implementations
This device can operate over a wide temperature range (–40°C to 125°C).
7.2 Functional Block Diagram
7.3 Feature Description
Each channel of TPL7407L consists of high power low side NMOS transistors driven by level shifting and gate
driving circuitry. The gate drivers allow for high output current drive with a very low input voltage, essentially
equating to operability with low GPIO voltages.
In order to enable floating inputs a 1M
Ω pull-down resistor exists on each channel. Another 50-kΩ resistor exists
between the input and gate driving circuitry. This exists to limit the input current whenever there is an over
voltage and the internal Zener clamps. It also interacts with the inherent capacitance of the gate driving circuitry
to behave as an RC snubber to help prevent spurious switching in noisy environment.
In order to power the gate driving circuitry an LDO exists. See Power Supply Recommendations for further detail
on this circuitry.
The diodes connected between the output and COM pin is used to surpress kick-back voltage from an inductive
load that is excited when the NMOS drivers are turned off (stop sinking) and the stored energy in the coils
causes a reverse current to flow into the coil supply.
7.4 Device Functional Modes
7.4.1 Inductive Load Drive
When the COM pin is tied to the coil supply voltage, TPL7407L is able to drive inductive loads and supress the
kick-back voltage via the internal free wheeling diodes.
7.4.2 Resistive Load Drive
When driving a resistive load, a pull-up resistor is needed in order for TPL7407L to sink current and for there to
be a logic high level. The COM pin should be supplied
≥8.5V for full functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com