Electronic Components Datasheet Search
  English  ▼

X  

OPA111 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA111
Description  OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA111 Datasheet(HTML) 3 Page - Texas Instruments

  OPA111 Datasheet HTML 1Page - Texas Instruments OPA111 Datasheet HTML 2Page - Texas Instruments OPA111 Datasheet HTML 3Page - Texas Instruments OPA111 Datasheet HTML 4Page - Texas Instruments OPA111 Datasheet HTML 5Page - Texas Instruments OPA111 Datasheet HTML 6Page - Texas Instruments OPA111 Datasheet HTML 7Page - Texas Instruments OPA111 Datasheet HTML 8Page - Texas Instruments OPA111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
®
OPA111
ABSOLUTE MAXIMUM RATINGS
Supply ...........................................................................................
±18VDC
Internal Power Dissipation(1) ......................................................... 750mW
Differential Input Voltage(2) ..........................................................
±36VDC
Input Voltage Range(2) ................................................................
±18VDC
Storage Temperature Range ......................................... –65
°C to +150°C
Operating Temperature Range ..................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short Circuit Duration(3) .............................................. Continuous
Junction Temperature .................................................................... +175
°C
NOTES: (1) Packages must be derated based on
θ
JC = 150°C/W or θJA
= 300
°C/W. (2) For supply voltages less than ±18VDC, the absolute
maximum input voltage is equal to +18V > VIN > –VCC – 6V. See Figure
2. (3) Short circuit may be to power supply common only. Rating applies
to +25
°C ambient. Observe dissipation limit and T
J.
ELECTRICAL (FULL TEMPERATURE RANGE SPECIFICATIONS)
At VCC = ±15VDC and TA = TMIN to TMAX unless otherwise noted.
OPA111AM
OPA111BM
OPA111SM
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TEMPERATURE RANGE
Specification Range
Ambient Temp.
–25
+85
–25
+85
–55
+125
°C
INPUT
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0VDC
±220
±1000
±110
±500
±300
±1500
µV
Average Drift
±2
±5
±0.5
±1
±2
±5
µV/°C
Supply Rejection
VCC = ±10V to ±18V
86
100
90
100
86
100
dB
±10
±50
±10
±32
±10
±50
µV/V
BIAS CURRENT(1)
Input Bias Current
VCM = 0VDC
±50
±250
±30
±130
±820
±4100
pA
OFFSET CURRENT(1)
Input Offset Current
VCM = 0VDC
±30
±200
±15
±100
±510
±3100
pA
VOLTAGE RANGE
Common-Mode Input Range
±10
±11
±10
±11
±10
±11
V
Common-Mode Rejection
VIN = ±10VDC
86
100
90
100
86
100
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
110
120
114
120
110
120
dB
RATED OUTPUT
Voltage Output
RL = 2kΩ±10.5
±11
±11
±11.5
±11
±11.5
V
Current Output
VO = ±10VDC
±5.25
±10
±5.25
±10
±5.25
±10
mA
Short Circuit Current
VO = 0VDC
10
40
10
40
10
40
mA
POWER SUPPLY
Current, Quiescent
IO = 0mADC
2.5
3.5
2.5
3.5
2.5
3.5
mA
NOTES: (1) Offset voltage, offset current, and bias current are measured with the units fully warmed up.
ORDERING INFORMATION
OFFSET
TEMPERATURE
VOLTAGE,
MODEL
PACKAGE
RANGE
MAX (
µV)
OPA111AM
TO-99
–25
°C to +85°C
±500
OPA111BM
TO-99
–25
°C to +85°C
±250
OPA111SM
TO-99
–55
°C to +125°C
±500
CONNECTION DIAGRAM
Top View
OPA111
8
1
2
7
6
5
3
4
Offset
Trim
Offset
Trim
Output
+V
CC
Substrate and Case
–V
CC
–In
+In
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
OPA111AM
TO-99
001
OPA111BM
TO-99
001
OPA111SM
TO-99
001
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com