Electronic Components Datasheet Search
  English  ▼

X  

OPA111 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA111
Description  OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA111 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA111 Datasheet HTML 3Page - Texas Instruments OPA111 Datasheet HTML 4Page - Texas Instruments OPA111 Datasheet HTML 5Page - Texas Instruments OPA111 Datasheet HTML 6Page - Texas Instruments OPA111 Datasheet HTML 7Page - Texas Instruments OPA111 Datasheet HTML 8Page - Texas Instruments OPA111 Datasheet HTML 9Page - Texas Instruments OPA111 Datasheet HTML 10Page - Texas Instruments OPA111 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
®
OPA111
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VCC = ±15VDC unless otherwise noted.
MAXIMUM UNDISTORTED OUTPUT
VOLTAGE vs FREQUENCY
100k
Frequency (Hz)
1k
10k
1M
30
20
10
0
SMALL SIGNAL TRANSIENT RESPONSE
1
Time (µs)
05
60
40
20
0
–20
–40
–60
23
4
SETTLING TIME vs CLOSED-LOOP GAIN
1
Closed-Loop Gain (V/V)
10
100
1k
100
80
60
40
20
0
0.1%
0.01%
SUPPLY CURRENT vs TEMPERATURE
4
3
2
1
0
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
–75
INPUT OFFSET VOLTAGE WARM-UP DRIFT
20
10
0
–10
–20
Time From Power Turn-On (Minutes)
0
123456
COMMON-MODE REJECTION
vs INPUT COMMON-MODE VOLTAGE
–15
Common-Mode Voltage (V)
–10
–5
0
5
10
15
120
110
100
90
80
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com