Electronic Components Datasheet Search
  English  ▼

X  

OPA121 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA121
Description  OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA121 Datasheet(HTML) 1 Page - Texas Instruments

  OPA121 Datasheet HTML 1Page - Texas Instruments OPA121 Datasheet HTML 2Page - Texas Instruments OPA121 Datasheet HTML 3Page - Texas Instruments OPA121 Datasheet HTML 4Page - Texas Instruments OPA121 Datasheet HTML 5Page - Texas Instruments OPA121 Datasheet HTML 6Page - Texas Instruments OPA121 Datasheet HTML 7Page - Texas Instruments OPA121 Datasheet HTML 8Page - Texas Instruments OPA121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Low Cost Precision
Difet ®
OPERATIONAL AMPLIFIER
Difet ®, Burr-Brown Corp.
BIFET®, National Semiconductor Corp.
OPA121
FEATURES
q LOW NOISE: 6nV/
√Hz typ at 10kHz
q LOW BIAS CURRENT: 5pA max
q LOW OFFSET: 2mV max
q LOW DRIFT: 3
µV/°C typ
q HIGH OPEN-LOOP GAIN: 110dB min
q HIGH COMMON-MODE
REJECTION: 86dB min
Noise-Free
Cascode*
Ω
10k
Trim
1
5
3
2
+In
–In
Case (TO-99) and Substrate
Output
OPA121 Simplified Circuit
+V
CC
–VCC
8
7
6
4
2k
Ω
Ω
10k
2k
Ω
2k
Ω
2k
Ω
*Patented
Trim
DESCRIPTION
The OPA121 is a precision monolithic dielectrically-
isolated FET (Difet ®) operational amplifier. Out-
standing performance characteristics are now
available for low-cost applications.
Noise, bias current, voltage offset, drift, open-loop
gain, common-mode rejection, and power supply
rejection are superior to BIFET® amplifiers.
Very low bias current is obtained by dielectric
isolation with on-chip guarding.
Laser-trimming of thin-film resistors gives very low
offset and drift. Extremely low noise is achieved with
new circuit design techniques (patented). A new
cascode design allows high precision input specifica-
tions and reduced susceptibility to flicker noise.
Standard 741 pin configuration allows upgrading of
existing designs to higher performance levels.
APPLICATIONS
q OPTOELECTRONICS
q DATA ACQUISITION
q TEST EQUIPMENT
q MEDICAL EQUIPMENT
q RADIATION HARD EQUIPMENT
®
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
© 1984 Burr-Brown Corporation
PDS-539F
Printed in U.S.A. September, 1993
SBOS139


Similar Part No. - OPA121

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA121KM BURR-BROWN-OPA121KM Datasheet
91Kb / 6P
Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA121KP BURR-BROWN-OPA121KP Datasheet
91Kb / 6P
Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA121KU BURR-BROWN-OPA121KU Datasheet
91Kb / 6P
Low Cost Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com