Electronic Components Datasheet Search
  English  ▼

X  

OPA2277MDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2277MDREP
Description  High-Precision, Low-Noise Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2277MDREP Datasheet(HTML) 1 Page - Texas Instruments

  OPA2277MDREP Datasheet HTML 1Page - Texas Instruments OPA2277MDREP Datasheet HTML 2Page - Texas Instruments OPA2277MDREP Datasheet HTML 3Page - Texas Instruments OPA2277MDREP Datasheet HTML 4Page - Texas Instruments OPA2277MDREP Datasheet HTML 5Page - Texas Instruments OPA2277MDREP Datasheet HTML 6Page - Texas Instruments OPA2277MDREP Datasheet HTML 7Page - Texas Instruments OPA2277MDREP Datasheet HTML 8Page - Texas Instruments OPA2277MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
R
1
V–
1/2
OPA2277
R
2
1/2
OPA2277
V
OUT = (V1 – V2)(1 +
)
R
2
R
1
V+
V+
V–
R
2
R
1
Load
Cell
R+∆R
V
2
R–∆R
R–∆R
R+∆R
V
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA2277-EP
SBOS700 – DECEMBER 2014
OPA2277-EP High-Precision, Low-Noise Operational Amplifier
1 Features
3 Description
The
OPA2277
precision
operational
amplifier
1
•
Ultra-Low Offset Voltage: 10 µV
replaces the industry standard OP-177. It offers
•
High Open-Loop Gain: 134 dB
improved noise, wider output voltage swing, and is
•
High Common-Mode Rejection: 140 dB
twice as fast with half the quiescent current. Features
include ultra-low offset voltage and drift, low bias
•
High Power Supply Rejection: 130 dB
current, high common-mode rejection, and high
•
Low Bias Current: 1-nA Maximum
power supply rejection.
•
Wide Supply Range: ±2 to ±18 V
OPA2277 operates from ±2-V to ±18-V supplies with
•
Low Quiescent Current: 800 µA/Amplifier
excellent
performance.
Unlike
most
operational
•
Supports Defense, Aerospace, and Medical
amplifiers, which are specified at only one supply
Applications
voltage, the OPA2277 is specified for real-world
applications; a single limit applies over the ±5-V to
–
Controlled Baseline
±15-V supply range. High performance is maintained
–
One Assembly and Test Site
as the amplifiers swing to their specified limit.
–
One Fabrication Site
Because the initial offset voltage (±20
μV max) is so
low, user adjustment is usually not required.
–
Available in Military (–55°C to 125°C)
Temperature Range (1)
OPA2277 is easy to use and free from phase
–
Extended Product Life Cycle
inversion and overload problems found in some
operational amplifiers. It is stable in unity gain and
–
Extended Product-Change Notification
provides excellent dynamic behavior over a wide
–
Product Traceability
range
of
load
conditions.
OPA2277
features
completely independent circuitry for lowest crosstalk
2 Applications
and freedom from interaction, even when overdriven
or overloaded. Dual versions are available in DIP-8,
•
Transducer Amplifier
SO-8. OPA2277 is fully specified and operates from
•
Bridge Amplifier
–55°C to 125°C.
•
Temperature Measurements
Device Information(1)
•
Strain Gage Amplifier
ORDER NUMBER
PACKAGE
BODY SIZE (NOM)
•
Precision Integrator
OPA2277MDTEP
SOIC (8)
3.91 mm × 4.90 mm
•
Battery-Powered Instruments
(1) For all available packages, see the orderable addendum at
•
Test Equipment
the end of the data sheet.
(1)
Additional temperature ranges available – contact factory
4 Load Cell Amplifier Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2277MDREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2277 BURR-BROWN-OPA2277 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2277 TI1-OPA2277 Datasheet
168Kb / 4P
HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA2277 TI1-OPA2277 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
OPA2277 TI2-OPA2277 Datasheet
1Mb / 43P
OPAx277 High-Precision Operational Amplifiers
REVISED FEBRUARY 2023
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
HIGH-PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2277MDREP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Texas Instruments
OPA2227-EP TI1-OPA2227-EP Datasheet
715Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
Precision High Speed Low Noise Operational Amplifier
logo
Texas Instruments
OPA2227-EP TI1-OPA2227-EP_13 Datasheet
888Kb / 23P
HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com