Electronic Components Datasheet Search
  English  ▼

X  

OPA2277MDREP Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA2277MDREP
Description  High-Precision, Low-Noise Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2277MDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2277MDREP Datasheet HTML 9Page - Texas Instruments OPA2277MDREP Datasheet HTML 10Page - Texas Instruments OPA2277MDREP Datasheet HTML 11Page - Texas Instruments OPA2277MDREP Datasheet HTML 12Page - Texas Instruments OPA2277MDREP Datasheet HTML 13Page - Texas Instruments OPA2277MDREP Datasheet HTML 14Page - Texas Instruments OPA2277MDREP Datasheet HTML 15Page - Texas Instruments OPA2277MDREP Datasheet HTML 16Page - Texas Instruments OPA2277MDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Op Amp
(a)
OPA2277
(b)
No bias current
cancellation resistor
(see text)
Conventional operational amplifier with external
bias current cancellation resistor.
OPA2277 with no external bias current
cancellation resistor.
R
2
R
1
R
2
R
1
R
B = R2 || R1
V+
V–
20 k
OPA2277 single op amp only.
Use offset adjust pins only to null
offset voltage of op amp—see text.
Trim Range: Exceeds
Offset Voltage Specification
OPA2277
6
7
8
4
3
2
1
0.1 F
0.1 F
OPA2277-EP
www.ti.com
SBOS700 – DECEMBER 2014
9.2.2 Detailed Design Procedure
9.2.2.1 Offset Voltage Adjustment
The OPA2277 is laser-trimmed for very-low offset voltage and drift so most circuits do not require external
adjustment. However, offset voltage trim connections are provided on pins 1 and 8. Offset voltage can be
adjusted by connecting a potentiometer as shown in Figure 22. Only use this adjustment to null the offset of the
operational amplifier. Do not use this adjustment to compensate for offsets created elsewhere in a system
because this can introduce additional temperature drift.
Figure 22. OPA2277 Offset Voltage Trim Circuit
9.2.2.2 Input Protection
The inputs of the OPA2277 are protected with 1-k
Ω series input resistors and diode clamps. The inputs can
withstand ±30-V differential inputs without damage. The protection diodes conduct current when the inputs are
overdriven. This may disturb the slewing behavior of unity-gain follower applications, but does not damage the
operational amplifier.
9.2.2.3 Input Bias Current Cancellation
The input stage base current of the OPA2277 is internally compensated with an equal and opposite cancellation
circuit. The resulting input bias current is the difference between the input stage base current and the
cancellation current. This residual input bias current can be positive or negative.
When the bias current is canceled in this manner, the input bias current and input offset current are
approximately the same magnitude. As a result, it is not necessary to use a bias current cancellation resistor as
is often done with other operational amplifiers (see Figure 23). A resistor added to cancel input bias current
errors may actually increase offset voltage and noise.
Figure 23. Input Bias Current Cancellation
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com