Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA682
Description  Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA682 Datasheet HTML 8Page - Texas Instruments OPA682 Datasheet HTML 9Page - Texas Instruments OPA682 Datasheet HTML 10Page - Texas Instruments OPA682 Datasheet HTML 11Page - Texas Instruments OPA682 Datasheet HTML 12Page - Texas Instruments OPA682 Datasheet HTML 13Page - Texas Instruments OPA682 Datasheet HTML 14Page - Texas Instruments OPA682 Datasheet HTML 15Page - Texas Instruments OPA682 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
®
OPA2680
current. A demanding 100
Ω load to a midpoint bias is used
in this characterization circuit. The new output stage circuit
used in the OPA2680 can deliver large bipolar output cur-
rents into this midpoint load with minimal crossover distor-
tion, as shown in the +5V supply, 3rd harmonic distortion
plots.
SINGLE SUPPLY A/D CONVERTER INTERFACE
Most modern, high performance analog-to-digital convert-
ers (such as the Burr-Brown ADS8xx and ADS9xx series)
operate on a single +5V (or lower) power supply. It has been
a considerable challenge for single supply op amps to
deliver a low distortion input signal at the ADC input for
signal frequencies exceeding 5MHz. The high slew rate,
exceptional output swing and high linearity of the OPA2680
make it an ideal single supply ADC driver. The circuit on the
front page shows one possible interface particularly suited to
DC-coupled pulse digitization requirements. Figure 3 shows
the AC-coupled test circuit of Figure 2 modified for a
capacitive (A/D) load and with an optional output pull-down
resistor (RB).
The OPA2680 in the circuit of Figure 3 provides >200MHz
bandwidth for a 2Vp-p output swing. Minimal 3rd harmonic
distortion or two-tone, 3rd-order intermodulation distortion
will be observed due to the very low crossover distortion in
the OPA2680 output stage. The limit of output Spurious
Free Dynamic Range (SFDR) will be set by the 2nd har-
monic distortion. Without RB, the circuit of Figure 3 mea-
sured at 10MHz shows an SFDR of 65dBc. This may be
improved by pulling additional DC bias current (IB) out of
the output stage through the optional RB resistor to ground
(the output midpoint is at 2.5V for Figure 3). Adjusting IB
gives the improvement in SFDR shown in Figure 4. SFDR
improvement is achieved for IB values up to 6mA, with
worse performance for higher values. Using the dual
OPA2680 in an IQ receiver channel will give matched AC
performance through high frequencies.
FIGURE 4. SFDR vs IB.
73
72
71
70
69
68
67
66
65
Output Pull-Down Current (mA)
01
2
3
4
5
67
89
10
V
O = 2Vp-p, 10MHz
HIGH PERFORMANCE DAC TRANSIMPEDANCE
AMPLIFIER
High frequency DDS DACs require a low distortion output
amplifier to retain their SFDR performance into real-world
loads. A differential output drive implementation is shown
in Figure 5. The diagram shows the signal output current(s)
connected into the virtual ground summing junction(s) of
the OPA2680, which is set up as a transimpedance stage or
“I-V converter”. If the DAC requires its outputs terminated
to a compliance voltage other than ground for operation,
the appropriate voltage level may be applied to the non-
inverting inputs of the OPA2680. The DC gain for this
circuit is equal to RF. At high frequencies, the DAC output
capacitance (CD in Figure 5) will produce a zero in the
noise gain for the OPA2680 that may cause peaking in the
closed-loop frequency response. CF is added across RF to
compensate for this noise gain peaking. To achieve a flat
FIGURE 3. Single-Supply ADC Input Driver. One of Two Channels.
1/2
OPA2680
402
Ω
50
Ω
402
Ω
59
Ω
1Vp-p
698
Ω
698
Ω
V
I
+5V
0.1µF
R
S
30
Ω
I
B
R
B
50pF
0.1µF
2.5V DC
±1V AC
ADC Input
Power supply decoupling not shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com