Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA682
Description  Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA682 Datasheet HTML 9Page - Texas Instruments OPA682 Datasheet HTML 10Page - Texas Instruments OPA682 Datasheet HTML 11Page - Texas Instruments OPA682 Datasheet HTML 12Page - Texas Instruments OPA682 Datasheet HTML 13Page - Texas Instruments OPA682 Datasheet HTML 14Page - Texas Instruments OPA682 Datasheet HTML 15Page - Texas Instruments OPA682 Datasheet HTML 16Page - Texas Instruments OPA682 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
®
OPA2680
13
transimpedance frequency response, the pole in each feed-
back network should be set to:
1/2
πR
FCF = √GBP/4πRFCD
which will give a corner frequency f–3dB of approximately:
f–3dB = √GBP/(2πRFCD)
WIDEBAND VIDEO MULTIPLEXING
One common application for video speed amplifiers which
include a disable pin is to wire multiple amplifier outputs
together, then select which one of several possible video
inputs to source onto a single line. This simple “Wired-OR
Video Multiplexer” can be easily implemented using the
OP2680N (SO-14 package only) as shown in Figure 6.
Typically, channel switching is performed either on sync or
retrace time in the video signal. The two inputs are approxi-
mately equal at this time. The “make-before-break” disable
characteristic of the OPA2680N ensures that there is always
one amplifier controlling the line when using a wired-OR
circuit like that shown in Figure 6. Since both inputs may be
on for a short period during the transition between channels,
the outputs are combined through the output impedance
matching resistors (82.5
Ω in this case). When one channel is
disabled, its feedback network forms part of the output
impedance and slightly attenuates the signal in getting out
onto the cable. The gain and output matching resistor have
been slightly increased to get a signal gain of +1 at the
matched load and provide a 75
Ω output impedance to the
cable. The video multiplexer connection (Figure 6) also
insures that the maximum differential voltage across the
inputs of the unselected channel does not exceed the rated
±1.2V maximum for standard video signal levels.
The section on Disable Operation shows the turn-on and
turn-off switching glitches using a 0V input for a single
channel is typically less than
±50mV. Where two outputs are
switched (as shown in Figure 6), the output line is always
under the control of one amplifier or the other due to the
“make-before-break” disable timing. In this case, the switch-
ing glitches for two 0V inputs drop to <20mV.
FIGURE 6. Two-Channel Video Multiplexer (SO-14 package only).
FIGURE 5. High Speed DAC—Differential Transimpedance
Amplifier
1/2
OPA2680
1/2
OPA2680
High Speed
DAC
V
O = IO RF
V
O = IO RF
R
F1
R
F2
C
F1
C
F2
GBP
→ Gain Bandwidth
Product (Hz) for the OPA2680
C
D1
C
D2
I
O
I
O
50
Ω
50
Ω
50
Ω
2k
Ω
82.5
Ω
75
Ω Cable
75
Ω Load
RG-59
82.5
Ω
75
Ω
402
Ω
340
Ω
Video 1
+5V
+5V
–5V
1/2
OPA2680
1/2
OPA2680
50
Ω
2k
Ω
75
Ω
402
Ω
340
Ω
Video 2
–5V
+5V
V
DIS
DISA
DISB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com