Electronic Components Datasheet Search
  English  ▼

X  

M38198ECFS Datasheet(PDF) 39 Page - Mitsubishi Electric Semiconductor

Part # M38198ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38198ECFS Datasheet(HTML) 39 Page - Mitsubishi Electric Semiconductor

Back Button M38198ECFS Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 43Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
G n
G n-1
G n-2
G 1
Tscan
Tdisp
Segment
output
FLD digit interrupt occurs
at the rising edge of each digit
FLD blanking interrupt occurs
at the falling edge of the last digit
Segment setting by software
Toff
Tdisp
Digit
Segment
q Timing Setting
The digit time (Tdisp) can be set with the FLDC mode register 2
(address 003716). The Tscan and digit/segment OFF time (Toff)
can be set with the FLDC mode register 1 (address 003616).
Note that flickering will occur if the repetition frequency (1/
(Tdisp ! number of digits + Tscan)) is an integral multiple of the
digit timing Tdisp.
q FLD Automatic Display Start
To perform FLD automatic display, set the following registers.
• Port P0 segment/digit switch register
• Port P2 digit/port switch register
• Port P8 segment/port switch register
• Port PA segment/port switch register
• FLDC mode register 1
• FLDC mode register 2
• FLD data pointer
Automatic display mode is selected by writing “1” to the bit 0 of
the FLDC mode register 2 (address 003716), and the auto-
matic display is started by writing “1” to the bit 1.
During automatic display bit 1 of the FLDC mode register 2 al-
ways keeps “1”, automatic display can be interrupted by writing
“0” to the bit 1.
q Key-scan
If key-scan is performed with the segment during the key-scan
blanking period Tscan, take the following sequence:
1. Write “0” to the bit 0 (automatic display control bit) of the
FLDC mode register 2 (address 003716).
2. Set the port corresponding to the segment for key-scan to
the output port.
3. Perform the key-scan.
4. After the key-scan is performed, write “1” (automatic display
mode) to the bit 0 of FLDC mode register 2 (address
003716).
Note on performance of key-scan in the above 1 to 4 sequence.
1. Do not write “0” to the bit 1 of FLDC mode register 2 (ad-
dress 003716).
2. Do not write “1” to the port corresponding to the digit.
Fig. KA-7 FLDC timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com