Electronic Components Datasheet Search
  English  ▼

X  

M38198ECFS Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M38198ECFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38198ECFS Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M38198ECFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38198ECFS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
24
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
b0
Internal synchronous clock selection bits
b2 b1 b0
0 0 0 : f(XIN)/8 or f(XCIN)/8
0 0 1 : f(XIN)/16 or f(XCIN)/16
0 1 0 : f(XIN)/32 or f(XCIN)/32
0 1 1 : f(XIN)/64 or f(XCIN)/64
1 1 0 : f(XIN)/128 or f(XCIN)/128
1 1 1 : f(XIN)/256 or f(XCIN)/256
Serial I/O1 port selection bit (P65, P66, and P67 V)
0 : I/O port
1 : SOUT1,SCLK11,and SCLK12 V output pins
SRDY1 output selection bit (P67)
0 : I/O port
1 : SRDY1/CS V output pin (Note)
Transfer direction selection bit
0 : LSB first
1 : MSB first
Synchronous clock selection bit
0 : External clock
1 : Internal clock
P65/SOUT1 P-channel output disable bit
0 : CMOS output (in output mode)
1 : N-channel open-drain output
(in output mode)
b7
Serial I/O1 control register
(SIO1CON(SC1) : address 001916)
b0
Internal synchronous clock selection bits
b2 b1 b0
0 0 0 : f(XIN)/8 or f(XCIN)/8
0 0 1 : f(XIN)/16 or f(XCIN)/16
0 1 0 : f(XIN)/32 or f(XCIN)/32
0 1 1 : f(XIN)/64 or f(XCIN)/64
1 1 0 : f(XIN)/128 or f(XCIN)/128
1 1 1 : f(XIN)/256 or f(XCIN)/256
Serial I/O2 port selection bit (P51, and P52)
0 : I/O port
1 : SOUT2 and SCLK2 output pins
SRDY2 output selection bit (P53)
0 : I/O port
1 : SRDY2 output pin
Transfer direction selection bit
0 : LSB first
1 : MSB first
Synchronous clock selection bit
0 : External clock
1 : Internal clock
P51/SOUT2 P-channel output disable bit
0 : CMOS output (in output mode)
1 : N-channel open-drain output
(in output mode)
b7
Serial I/O2 control register
(SIO2CON(SC2) : address 001D16)
b0
Internal synchronous clock selection bits
b2 b1 b0
0 0 0 : f(XIN)/8 or f(XCIN)/8
0 0 1 : f(XIN)/16 or f(XCIN)/16
0 1 0 : f(XIN)/32 or f(XCIN)/32
0 1 1 : f(XIN)/64 or f(XCIN)/64
1 1 0 : f(XIN)/128 or f(XCIN)/128
1 1 1 : f(XIN)/256 or f(XCIN)/256
Serial I/O3 port selection bit (P55 and P56)
0 : I/O port
1 : SOUT3 and SCLK3 output pins
SRDY3 output selection bit (P57)
0 : I/O port
1 : SRDY3 and SCLK3 output pins
Transfer direction selection bit
0 : LSB first
1 : MSB first
Synchronous clock selection bit
0 : External clock
1 : Internal clock
P55/SOUT3 P-channel output disable bit
0 : CMOS output (in output mode)
1 : N-channel open-drain output
(in output mode)
b7
Serial I/O3 control register
(SIO3CON(SC3) : address 001E16)
V : Valid only in serial I/O automatic transfer mode.
Note: When the external clock is selected in the serial I/O1 automatic transfer mode, the SRDY1 signal pin becomes the CS signal input pin.
Fig. GA-2 Structure of serial I/O control registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com