Electronic Components Datasheet Search
  English  ▼

X  

CY7C291A Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C291A
Description  2K x 8 Reprogrammable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C291A Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C291A Datasheet HTML 4Page - Cypress Semiconductor CY7C291A Datasheet HTML 5Page - Cypress Semiconductor CY7C291A Datasheet HTML 6Page - Cypress Semiconductor CY7C291A Datasheet HTML 7Page - Cypress Semiconductor CY7C291A Datasheet HTML 8Page - Cypress Semiconductor CY7C291A Datasheet HTML 9Page - Cypress Semiconductor CY7C291A Datasheet HTML 10Page - Cypress Semiconductor CY7C291A Datasheet HTML 11Page - Cypress Semiconductor CY7C291A Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY7C291A
Document #: 38-04011 Rev. *A
Page 8 of 12
Ordering Information
Speed
(ns)
ICC
(mA)
Ordering Code
Package
Name
Package Type
Operating
Range
20
120
CY7C291A-20JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C291A-20PC
P13
24-Lead (300-Mil) Molded DIP
25
90
CY7C291A-25JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C291A-25PC
P13
24-Lead (300-Mil) Molded DIP
CY7C291A-25SC
S13
24-Lead Molded SOIC
CY7C291A-25WC
W14
24-Lead (300-Mil) Windowed CerDIP
35
60
CY7C291AL-35JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C291AL-35PC
P13
24-Lead (300-Mil) Molded DIP
CY7C291AL-35WC
W14
24-Lead (300-Mil) Windowed CerDIP
90
CY7C291A-35JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C291A-35PC
P13
24-Lead (300-Mil) Molded DIP
CY7C291A-35WC
W14
24-Lead (300-Mil) Windowed CerDIP
120
CY7C291A-35DMB
D14
24-Lead (300-Mil) CerDIP
Military
CY7C291A-35QMB
Q64
28-Pin Windowed Leadless Chip Carrier
50
90
CY7C291A-50PC
P13
24-Lead (300-Mil) Molded DIP
Commercial
CY7C291A-50WMB
W14
24-Lead (300-Mil) Windowed CerDIP
Military



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com