Electronic Components Datasheet Search
  English  ▼

X  

CY7C291A Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C291A
Description  2K x 8 Reprogrammable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C291A Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C291A Datasheet HTML 1Page - Cypress Semiconductor CY7C291A Datasheet HTML 2Page - Cypress Semiconductor CY7C291A Datasheet HTML 3Page - Cypress Semiconductor CY7C291A Datasheet HTML 4Page - Cypress Semiconductor CY7C291A Datasheet HTML 5Page - Cypress Semiconductor CY7C291A Datasheet HTML 6Page - Cypress Semiconductor CY7C291A Datasheet HTML 7Page - Cypress Semiconductor CY7C291A Datasheet HTML 8Page - Cypress Semiconductor CY7C291A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY7C291A
Document #: 38-04011 Rev. *A
Page 3 of 12
Electrical Characteristics Over the Operating Range[2,3]
7C291A-20
7C291A-25
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 16.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
Guaranteed Input Logical
HIGH Voltage for All Inputs
2.0
VCC
2.0
VCC
V
VIL
Input LOW Voltage
Guaranteed Input Logical
LOW Voltage for All Inputs
0.8
0.8
V
IIX
Input Load Current
GND < VIN < VCC
−10
+10
−10
+10
µA
VCD
Input Diode Clamp Voltage
Note 3
IOZ
Output Leakage Current
GND < VOUT < VCC,
Output Disabled
−10
+10
−10
+10
µA
IOS
Output Short Circuit
Current[4]
VCC = Max., VOUT = GND
−20
−90
−20
−90
mA
ICC
VCC Operating Supply
Current
VCC = Max.,
IOUT = 0 mA
Com’l
120
90
mA
ISB
Standby Supply Current
(7C293A Only)
VCC = Max.,
CS1 = VIH
Com’l
40
30
mA
VPP
Programming Supply Voltage
12
13
12
13
V
IPP
Programming Supply Current
50
50
mA
VIHP
Input HIGH Programming
Voltage
3.0
3.0
V
VILP
Input LOW Programming
Voltage
0.4
0.4
V
Notes:
2.
See the last page of this specification for Group A subgroup testing information.
3.
See the “Introduction to CMOS PROMs” section of the Cypress Data Book for general information on testing.
4.
For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com