Electronic Components Datasheet Search
  English  ▼

X  

TPS2228 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2228
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2228 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2228 Datasheet HTML 1Page - Texas Instruments TPS2228 Datasheet HTML 2Page - Texas Instruments TPS2228 Datasheet HTML 3Page - Texas Instruments TPS2228 Datasheet HTML 4Page - Texas Instruments TPS2228 Datasheet HTML 5Page - Texas Instruments TPS2228 Datasheet HTML 6Page - Texas Instruments TPS2228 Datasheet HTML 7Page - Texas Instruments TPS2228 Datasheet HTML 8Page - Texas Instruments TPS2228 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPS2228
TPS2221
SLVS419C − MAY 2002 REVISED DECEMBER 2008
www.ti.com
5
ELECTRICAL CHARACTERISTICS
TJ = −40°C to 100°C, VI(5VIN) = 5 V, VI(3.3VIN) = 3.3 V, VI(1.8VIN) = 1.8 V, all outputs unloaded (unless otherwise noted)(1)
PARAMETER(1)
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
5VIN to xVCC
C
=01
µFI
=0A
0.5
2
3.3VIN to xVCC
CL(xVCC) = 0.1 µF, IO(xVCC) = 0 A,
0.5
2
1.8VIN to xVPP/VCORE
CL(xVPP/VCORE) = 0.1 µF,
0.5
2
3.3VIN to xVPP/VCORE
CL(xVPP/VCORE)
0.1
µF,
IO(xVPP/VCORE) = 0 A
0.15
1
t Output rise times(2)
5VIN to xVPP/VCORE
CL(xVPP/VCORE) = 0.1 µF,
IO(xVPP/VCORE) = 0 A
0.05
0.14
ms
tr Output rise times(2)
5VIN to xVCC
C
= 150
µFI
= 0 75A
0.75
2.0
ms
3.3VIN to xVCC
CL(xVCC)= 150 µF, IO(xVCC) = 0.75A
0.75
2.0
1.8VIN to xVPP/VCORE
CL(xVPP/VCORE) = 150 µF,
0.50
2.0
3.3VIN to xVPP/VCORE
CL(xVPP/VCORE)
150
µF,
IO(xVPP/VCORE) = 0.375A
0.50
1.15
5VIN to xVPP/VCORE
CL(xVPP/VCORE) = 10 µF,
015
0 375
5VIN to xVPP/VCORE
CL(xVPP/VCORE)
10
µF,
IO(xVPP/VCORE) = 0.05A
0.15
0.375
5VIN to xVCC
C
=01
µFI
=0A
0.25
1.0
3.3VIN to xVCC
CL(xVCC) = 0.1 µF, IO(xVCC) = 0 A,
0.35
1.0
1.8VIN to xVPP/VCORE
C
=01
µFI
=0A
0.25
1.0
3.3VIN to xVPP/VCORE
CL(xVCC) = 0.1 µF, IO(xVCC) = 0 A,
0.1
0.5
5VIN to xVPP/VCORE
CL(xVPP/VCORE) = 0.1 µF,
0 075
015
t Output fall times(2)
5VIN to xVPP/VCORE
CL(xVPP/VCORE)
0.1
µF,
IO(xVPP/VCORE) = 0 A
0.075
0.15
ms
tf Output fall times(2)
5VIN to xVCC
C
= 150
µFI
= 0 75A
1.4
2.5
ms
3.3VIN to xVCC
CL(xVCC) = 150 µF, IO(xVCC) = 0.75A
1.4
1.7
1.8VIN to xVPP/VCORE
CL(xVCC) = 150 µF,
1.4
2.0
3.3VIN to xVPP/VCORE
CL(xVCC) 150 µF,
IO(xVPP/VCORE) = 0.375 A
2.5
3.1
5VIN to xVPP/VCORE
CL(xVPP/VCORE) = 10 µF,
IO(xVPP/VCORE) = 0.05 A
1.7
2.1
Latch
↑ to xVPP/VCORE (1 8 V)
CL(xVPP/VCORE) = 0.1 µF,
tpdon
0.15
1.4
Latch
↑ to xVPP/VCORE (1.8 V)
CL(xVPP/VCORE)
0.1
µF,
IO(xVPP/VCORE) = 0 A
tpdoff
2.5
8.6
Latch
↑ to xVPP/VCORE (3 3 V)
CL(xVPP/VCORE) = 0.1 µF,
tpdon
0.05
0.5
Latch
↑ to xVPP/VCORE (3.3 V)
CL(xVPP/VCORE)
0.1
µF,
IO(xVPP/VCORE) = 0 A
tpdoff
0.5
2.5
t
Propagation delay(2)
Latch
↑ to xVPP/VCORE (5 V)
CL(xVPP/VCORE) = 0.1 µF,
tpdon
0.02
0.3
ms
tpd Propagation delay(2)
Latch
↑ to xVPP/VCORE (5 V)
CL(xVPP/VCORE)
0.1
µF,
IO(xVPP/VCORE) = 0 A
tpdoff
0.10
0.3
ms
Latch
↑ to xVCC (5 V)
CL(xVCC) = 0.1 µF,
tpdon
0.15
0.85
Latch
↑ to xVCC (5 V)
CL(xVCC)
0.1
µF,
IO(xVCC) = 0 A
tpdoff
1.3
3.7
Latch
↑ to xVCC (3 3 V)
CL(xVCC) = 0.1 µF,
tpdon
0.15
1.0
Latch
↑ to xVCC (3.3 V)
CL(xVCC)
0.1
µF,
IO(xVCC) = 0 A
tpdoff
1.7
5.3
Latch
↑ to xVPP/VCORE (1 8 V)
CL(xVPP/VCORE) = 150 µF,
tpdon
0.35
1.9
Latch
↑ to xVPP/VCORE (1.8 V)
CL(xVPP/VCORE)
150
µF,
IO(xVPP/VCORE) = 0.375 A
tpdoff
2.4
8.5
Latch
↑ to xVPP/VCORE (3 3 V)
CL(xVPP/VCORE) = 150 µF,
tpdon
0.2
0.75
Latch
↑ to xVPP/VCORE (3.3 V)
CL(xVPP/VCORE)
150
µF,
IO(xVPP/VCORE) = 0.375 A
tpdoff
0.5
2.5
t
Propagation delay(2)
Latch
↑ to xVPP/VCORE (5 V)
CL(XVPP/VCORE) = 10 µF,
tpdon
0.05
0.15
ms
tpd Propagation delay(2)
Latch
↑ to xVPP/VCORE (5 V)
CL(XVPP/VCORE)
10
µF,
IO(xVPP/VCORE) = 0.05 A
tpdoff
0.15
0.35
ms
Latch
↑ to xVCC (5 V)
CL(XVCC) = 150 µF,
tpdon
0.35
1.2
Latch
↑ to xVCC (5 V)
CL(XVCC) 150 µF,
IO(xVCC) = 0.75 A
tpdoff
1.3
3.7
Latch
↑ to xVCC (3 3 V)
CL(XVCC) = 150 µF,
tpdon
0.4
1.4
Latch
↑ to xVCC (3.3 V),
CL(XVCC) 150 µF,
IO(xVCC) = 0.75 A
tpdoff
1.5
5.2
(1) Refer to Parameter Measurement Information, Figure 1.
(2) Specified by design, not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com