Electronic Components Datasheet Search
  English  ▼

X  

TPS2228 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2228
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2228 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2228 Datasheet HTML 3Page - Texas Instruments TPS2228 Datasheet HTML 4Page - Texas Instruments TPS2228 Datasheet HTML 5Page - Texas Instruments TPS2228 Datasheet HTML 6Page - Texas Instruments TPS2228 Datasheet HTML 7Page - Texas Instruments TPS2228 Datasheet HTML 8Page - Texas Instruments TPS2228 Datasheet HTML 9Page - Texas Instruments TPS2228 Datasheet HTML 10Page - Texas Instruments TPS2228 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TPS2228
TPS2221
SLVS419C − MAY 2002 REVISED DECEMBER 2008
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
D10
D9
D8
D7
D6
D5
D4
D3
D2
DATA
LATCH
CLOCK
D1
D0
Data Setup Time
Data Hold Time
Latch Delay Time
Clock Delay Time
NOTE:
Data is clocked in on the positive edge of the clock. The positive edge of the latch signal should occur before the next positive edge of the
clock. For definition of D0 to D10, see the control logic table.
Figure 2. Serial-Interface Timing for TPS2228/TPS2221 Power Interface Switch
TABLE OF GRAPHS FOR POWER MEASUREMENT INFORMATION
FIGURE
Short-Circuit Current Response, Short Applied to Powered-on 5VIN-to-xVCC Switch Output
vs Time
3
Short-Circuit Current Response, Short Applied to Powered-on 3.3VIN-to-xVCC Switch Output
vs Time
4
OC Response With 5VIN-to-xVCC Switch Output Turned on Into a Short
vs Time
5
OC Response With 3.3VIN-to-xVCC Switch Output Turned on Into a Short
vs Time
6
3.3VIN and 5VIN Input Current
vs Junction Temperature
7
3.3VIN and 5VIN Input Current
vs Junction Temperature
8
1.8VIN Input Current
vs Junction Temperature
9
Static Drain-Source On-State Resistance, 3.3VIN to xVCC Switch
vs Junction Temperature
10
Static Drain-Source On-State Resistance, 5VIN to xVCC Switch
vs Junction Temperature
11
Static Drain-Source On-State Resistance, 3.3VIN to xVPP/VCORE Switch
vs Junction Temperature
12
Static Drain-Source On-State Resistance, 5VIN to xVPP/VCORE Switch
vs Junction Temperature
13
Static Drain-Source On-State Resistance, 1.8VIN to xVPP/VCORE Switch
vs Junction Temperature
14
Short-Circuit Current Limit, 3.3VIN to xVCC Switch
vs Junction Temperature
15
Short-Circuit Current Limit, 5VIN to xVCC Switch
vs Junction Temperature
16
Short-Circuit Current Limit, 3.3VIN to xVPP/VCORE Switch
vs Junction Temperature
17
Short-Circuit Current Limit, 5VIN to xVPP/VCORE Switch
vs Junction Temperature
18
Short-Circuit Current Limit, 1.8VIN to xVPP/VCORE Switch
vs Junction Temperature
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com