Electronic Components Datasheet Search
  English  ▼

X  

DAC5571IDBVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571IDBVR
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571IDBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC5571IDBVR Datasheet HTML 8Page - Texas Instruments DAC5571IDBVR Datasheet HTML 9Page - Texas Instruments DAC5571IDBVR Datasheet HTML 10Page - Texas Instruments DAC5571IDBVR Datasheet HTML 11Page - Texas Instruments DAC5571IDBVR Datasheet HTML 12Page - Texas Instruments DAC5571IDBVR Datasheet HTML 13Page - Texas Instruments DAC5571IDBVR Datasheet HTML 14Page - Texas Instruments DAC5571IDBVR Datasheet HTML 15Page - Texas Instruments DAC5571IDBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.ti.com
Time (1 s/div)
CLK (2.7V/div)
V
OUT (1V/div)
Full−Scale Code Change
FF
H to 00H
Output Loaded with
2k
and 200pF to GND
Ω
µ
Time (1 ms/div)
CLK (2.7V/div)
V
OUT (1V/div)
Half−Scale Code Change
40
H to
C0
H
Output Loaded with
2
Ω and 200 pFto GND
k
T im e (1 s/d iv )
C LK (2.7V /div )
V
O U T ( 1 V /d iv )
H alf−S ca le C ode C ha nge
C 0
H to 4 0 H
O u tp ut Lo aded w ith
2k
and 2 00p F to G N D
Ω
µ
POWER-ON RESET to 0V
Time (20
µs/div)
Tim e (0 .5 s/div )
Loa de d w ith 2k
W
and 2 00pF to G N D .
C ode C hange :
8 0
H to 7F H .
H
Time (5
µs/div)
CLK (2.7V/div)
V
OUT (1V/div)
DAC5571
SLAS405 – DECEMBER 2003
TYPICAL CHARACTERISTICS: V
DD = +2.7 V (continued)
At T
A = +25°C, +VDD = +2.7 V, unless otherwise noted.
FULL-SCALE SETTLING TIME
HALF-SCALE SETTLING TIME
Figure 33.
Figure 34.
HALF-SCALE SETTLING TIME
POWER-ON RESET 0 V
Figure 35.
Figure 36.
EXITING-POWER DOWN (80HLoaded)
CODE CHANGE GLITCH
Figure 37.
Figure 38.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com