Electronic Components Datasheet Search
  English  ▼

X  

DAC5571IDBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571IDBVR
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571IDBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC5571IDBVR Datasheet HTML 13Page - Texas Instruments DAC5571IDBVR Datasheet HTML 14Page - Texas Instruments DAC5571IDBVR Datasheet HTML 15Page - Texas Instruments DAC5571IDBVR Datasheet HTML 16Page - Texas Instruments DAC5571IDBVR Datasheet HTML 17Page - Texas Instruments DAC5571IDBVR Datasheet HTML 18Page - Texas Instruments DAC5571IDBVR Datasheet HTML 19Page - Texas Instruments DAC5571IDBVR Datasheet HTML 20Page - Texas Instruments DAC5571IDBVR Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.ti.com
SLAVE ADDRESS R/W
A
Ctrl/MS-Byte
A
LS-Byte
A/A
P
”0” (write)
Data Transferred
(n* Words + Acknowledge)
Word = 16 Bit
From Master to DAC5571
From DAC5571 to Master
A = Acknowledge (SDA LOW)
A = Not Acknowledge (SDA HIGH)
S = START Condition
Sr = Repeated START Condition
P = STOP Condition
DAC5571 I2C-SLAVE ADDRESS:
1
0
0
1
1
0
A0
R/W
MSB
LSB
Factory Preset
A0 = I2C Address Pin
Standard- and Fast-Mode:
S
HS-Master Code
R/W
A
Ctrl/MS-Byte
A
LS-Byte
A/A
P
”0” (write)
Data Transferred
(n* Words + Acknowledge)
Word = 16 Bit
High-Speed Mode (HS Mode):
S
A Sr Slave Address
HS Mode Continues
F/S-Mode
HS Mode
F/S Mode
Sr Slave Address
0
0
0
0
1
X
X
R/W
MSB
LSB
HS-Mode Master Code:
0
0
PD1
PD0
D7
D6
D5
D4
MSB
LSB
Ctrl/MS-Byte:
D3
D2
D1
D0
X
X
X
X
MSB
LSB
LS-Byte:
D7 − D0 = Data Bits
’0’ = Write to DAC5571
DAC5571
SLAS405 – DECEMBER 2003
Figure 45. Master Transmitter Addressing DAC5571 as a Slave Receiver With a 7-Bit Address
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com