Electronic Components Datasheet Search
  English  ▼

X  

INA326EA/250 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA326EA/250
Description  Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA326EA/250 Datasheet(HTML) 4 Page - Texas Instruments

  INA326EA/250 Datasheet HTML 1Page - Texas Instruments INA326EA/250 Datasheet HTML 2Page - Texas Instruments INA326EA/250 Datasheet HTML 3Page - Texas Instruments INA326EA/250 Datasheet HTML 4Page - Texas Instruments INA326EA/250 Datasheet HTML 5Page - Texas Instruments INA326EA/250 Datasheet HTML 6Page - Texas Instruments INA326EA/250 Datasheet HTML 7Page - Texas Instruments INA326EA/250 Datasheet HTML 8Page - Texas Instruments INA326EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
INA326, INA327
4
SBOS222D
www.ti.com
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
POWER SUPPLY
Specified Voltage Range
+2.7
+5.5
V
Quiescent Current
IQ
IO = 0, Diff VIN = 0V, VS = +5V
2.4
3.4
mA
Over Temperature
3.7
mA
SHUTDOWN
Disable (Logic Low Threshold)
0.25
V
Enable (Logic High Threshold)
1.6
V
Enable Time(5)
75
µs
Disable Time
100
µs
Shutdown Current and Enable Pin Current
VS = +5V, Disabled
2
5
µA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–40
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance
θ
JA
MSOP-8, MSOP-10 Surface-Mount
150
°C/W
NOTES: (1) 1000-hour life test at 150
°C demonstrated randomly distributed variation in the range of measurement limits—approximately 10µV. (2) See Applications
Information section, and Figures 1 and 3. (3) Does not include error and TCR of external gain-setting resistors. (4) Dynamic response is limited by filtering. Higher
bandwidths can be achieved by adjusting the filter. (5) See Typical Characteristics, “Input Offset Voltage vs Warm-Up Time”.
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V (Cont.)
BOLDFACE limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, RL = 10kΩ, G = 100 (R1 = 2kΩ, R2 = 100kΩ), external gain set resistors, and IACOMMON = VS /2, with external equivalent filter corner of 1kHz, unless
otherwise noted.
INA326EA, INA327EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com