Electronic Components Datasheet Search
  English  ▼

X  

INA326EA/250 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA326EA/250
Description  Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA326EA/250 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA326EA/250 Datasheet HTML 9Page - Texas Instruments INA326EA/250 Datasheet HTML 10Page - Texas Instruments INA326EA/250 Datasheet HTML 11Page - Texas Instruments INA326EA/250 Datasheet HTML 12Page - Texas Instruments INA326EA/250 Datasheet HTML 13Page - Texas Instruments INA326EA/250 Datasheet HTML 14Page - Texas Instruments INA326EA/250 Datasheet HTML 15Page - Texas Instruments INA326EA/250 Datasheet HTML 16Page - Texas Instruments INA326EA/250 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
INA326, INA327
13
SBOS222D
www.ti.com
FIGURE 6. Generating Output Offset Voltage.
R
1
R
′
2
5
R
0
R
2
C
2
C
0
V
REF
V
O
G = 2 (R
2 || R′2)/R1
INA326
R
2 and R′2 are chosen to
create a small output offset
voltage (e.g., 100mV).
Gain is determined by
the parallel combination
of R
2 and R′2.
2
1
8
3
6
FIGURE 7. Output Referenced to VREF/2.
2k
Ω
200k
Ω
200k
Ω
V
REF
R
O
100
Ω
5
6
2
1
8
3
C
O
1
µF
C
2
INA326
A/D
Converter
G = 2(200k
Ω || 200kΩ)/2kΩ = 100
FIGURE 8. High-Side Current Shunt Measurement.
INA326
+5V
R
L
5
2
1
8
3
6
7
R
O
100
Ω
R
S
I
L
R
1
2k
Ω
R
2
C
2
V
O
C
O
1
µF
NOTE: Connection point
of V+ will include (
) or
exclude (
) quiescent
current in the measurement
as desired. Output offset
required for measurements
near zero (see Figure 6).
R
S must be chosen
so that the input voltage
does not exceed 100mV
beyond the rail.
V
O = 2(IL × RS)
R
2
R
1
APPLICATION CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com