Electronic Components Datasheet Search
  English  ▼

X  

IRF6604 Datasheet(PDF) 11 Page - International Rectifier

Part # IRF6604
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6604 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF6604 Datasheet HTML 3Page - International Rectifier IRF6604 Datasheet HTML 4Page - International Rectifier IRF6604 Datasheet HTML 5Page - International Rectifier IRF6604 Datasheet HTML 6Page - International Rectifier IRF6604 Datasheet HTML 7Page - International Rectifier IRF6604 Datasheet HTML 8Page - International Rectifier IRF6604 Datasheet HTML 9Page - International Rectifier IRF6604 Datasheet HTML 10Page - International Rectifier IRF6604 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRF6604
www.irf.com
11
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting T
J = 25°C, L = 0.70mH
RG = 25Ω, IAS = 9.6A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
„ Surface mounted on 1 in. square Cu board.
… Used double sided cooling , mounting pad.
† Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
‡ T
C measured with thermal couple mounted to top (Drain) of
part.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.6/03
DirectFET
™ Part Marking
6604



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com