Electronic Components Datasheet Search
  English  ▼

X  

IRLR3410 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR3410
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3410 Datasheet(HTML) 1 Page - International Rectifier

  IRLR3410 Datasheet HTML 1Page - International Rectifier IRLR3410 Datasheet HTML 2Page - International Rectifier IRLR3410 Datasheet HTML 3Page - International Rectifier IRLR3410 Datasheet HTML 4Page - International Rectifier IRLR3410 Datasheet HTML 5Page - International Rectifier IRLR3410 Datasheet HTML 6Page - International Rectifier IRLR3410 Datasheet HTML 7Page - International Rectifier IRLR3410 Datasheet HTML 8Page - International Rectifier IRLR3410 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRLR/U3410
HEXFET® Power MOSFET
S
D
G
VDSS = 100V
RDS(on) = 0.105Ω
ID = 17A
Description
5/11/98
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
17
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
A
IDM
Pulsed Drain Current
…
60
PD @TC = 25°C
Power Dissipation
79
W
Linear Derating Factor
0.53
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚…
150
mJ
IAR
Avalanche Current
…
9.0
A
EAR
Repetitive Avalanche Energy
…
7.9
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.9
RθJA
Junction-to-Ambient (PCB mount) **
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
D -P A K
TO -2 52 A A
I-PAK
TO -25 1 A A
l Logic Level Gate Drive
l Ultra Low On-Resistance
l Surface Mount (IRLR3410)
l Straight Lead (IRLU3410)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using
vapor phase, infrared, or wave soldering techniques.
The straight lead version (IRFU series) is for through-
hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount
applications.
PD - 91607B
www.irf.com
1


Similar Part No. - IRLR3410

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLR3410 ISC-IRLR3410 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
Guangdong Kexin Industr...
IRLR3410 KEXIN-IRLR3410 Datasheet
261Kb / 7P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRLR3410 EVVOSEMI-IRLR3410 Datasheet
388Kb / 7P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLR3410PBF IRF-IRLR3410PBF Datasheet
290Kb / 11P
HEXFET짰 Power MOSFET
IRLR3410PBF IRF-IRLR3410PBF Datasheet
291Kb / 11P
Logic Level Gate Drive
More results

Similar Description - IRLR3410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com