Electronic Components Datasheet Search
  English  ▼

X  

OPA342 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA342
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA342 Datasheet(HTML) 3 Page - Texas Instruments

  OPA342 Datasheet HTML 1Page - Texas Instruments OPA342 Datasheet HTML 2Page - Texas Instruments OPA342 Datasheet HTML 3Page - Texas Instruments OPA342 Datasheet HTML 4Page - Texas Instruments OPA342 Datasheet HTML 5Page - Texas Instruments OPA342 Datasheet HTML 6Page - Texas Instruments OPA342 Datasheet HTML 7Page - Texas Instruments OPA342 Datasheet HTML 8Page - Texas Instruments OPA342 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
OPA342, 2342, 4342
3
SBOS106A
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
OPA342NA
SOT23-5
331
–40
°C to +85°C
B42
OPA342NA/250
Tape and Reel
""
"
"
"
OPA342NA /3K
Tape and Reel
OPA342UA
SO-8
182
–40
°C to +85°C
OPA342UA
OPA342UA
Rails
""
"
"
"
OPA342UA /2K5
Tape and Reel
OPA2342EA
MSOP-8
337
–40
°C to +85°C
C42
OPA2342EA /250
Tape and Reel
""
"
"
"
OPA2342EA /2K5
Tape and Reel
OPA2342UA
SO-8
182
–40
°C to +85°C
OPA2342UA
OPA2342UA
Rails
""
"
"
"
OPA2342UA /2K5
Tape and Reel
OPA4342EA
TSSOP-14
357
–40
°C to +85°C
OPA4342EA
OPA4342EA /250
Tape and Reel
""
"
"
"
OPA4342EA /2K5
Tape and Reel
OPA4342UA
SO-14
235
–40
°C to +85°C
OPA4342UA
OPA4342UA
Rails
""
"
"
"
OPA4342UA /2K5
Tape and Reel
OPA4342PA
DIP-14
010
–40
°C to +85°C
OPA4342PA
OPA4342PA
Rails
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /3K indicates 3000 devices per reel). Ordering 3000 pieces
of “OPA342NA/3K” will get a single 3000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
Supply Voltage, V+ to V- ................................................................... 7.5V
Signal Input Terminals, Voltage(2) ..................... (V–) –0.5V to (V+) +0.5V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
ESD Tolerance (Human Body Model) ............................................ 4000V
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only. Functional opera-
tion of the device at these conditions, or beyond the specified operating
conditions, is not implied. (2) Input terminals are diode-clamped to the power
supply rails. Input signals that can swing more than 0.5V beyond the supply
rails should be current-limited to 10mA or less. (3) Short-circuit to ground,
one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PIN CONFIGURATIONS
1
2
3
5
4
V+
–In
Out
V–
+In
OPA342
SOT23-5
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
–V
+In C
–In C
Out C
Out A
–In A
+In A
+V
+In B
–In B
Out B
OPA4342
TSSOP-14, SO-14, DIP-14
AD
BC
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2342
SO-8, MSOP-8
A
B
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
–In
+In
V–
OPA342
SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com