Electronic Components Datasheet Search
  English  ▼

X  

OPA342 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA342
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA342 Datasheet(HTML) 5 Page - Texas Instruments

  OPA342 Datasheet HTML 1Page - Texas Instruments OPA342 Datasheet HTML 2Page - Texas Instruments OPA342 Datasheet HTML 3Page - Texas Instruments OPA342 Datasheet HTML 4Page - Texas Instruments OPA342 Datasheet HTML 5Page - Texas Instruments OPA342 Datasheet HTML 6Page - Texas Instruments OPA342 Datasheet HTML 7Page - Texas Instruments OPA342 Datasheet HTML 8Page - Texas Instruments OPA342 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
OPA342, 2342, 4342
5
SBOS106A
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
OPEN-LOOP GAIN, COMMON-MODE REJECTION RATIO,
AND POWER SUPPLY REJECTION vs TEMPERATURE
A
OL
–75
Temperature (
°C)
–25
0
25
–50
50
125
75
100
150
140
120
100
80
60
40
20
0
CMRR
PSRR
INPUT BIAS CURRENT vs TEMPERATURE
–75
Temperature (
°C)
–25
0
25
–50
100
50
75
125
10000
1000
100
10
1
0.1
QUIESCENT CURRENT AND
SHORT-CIRCUIT CURRENT vs TEMPERATURE
–75
–50
0
Temperature (
°C)
25
50
100
I
Q
+I
SC
–I
SC
75
–25
125
200
175
150
135
100
75
50
25
0
40
35
30
25
20
15
10
5
0
SLEW RATE vs TEMPERATURE
–75
Temperature (
°C)
25
0
–SR
+SR
75
50
–25
–50
100
125
1.2
1
0.8
0.6
0.4
0.2
0
INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
–1
Common-Mode Voltage (V)
01
2
4
35
6
6
4
2
0
–2
–4
–6
V+
Supply
V–
Supply
Input voltage
≤ –0.3V
can cause op amp output
to lock up. See text.
QUIESCENT CURRENT AND
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
23
4
5
6
+I
SC
–I
SC
I
Q
160
155
150
145
140
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com