Electronic Components Datasheet Search
  English  ▼

X  

ACS770 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS770
Description  Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS770 Datasheet HTML 1Page - Allegro MicroSystems ACS770 Datasheet HTML 2Page - Allegro MicroSystems ACS770 Datasheet HTML 3Page - Allegro MicroSystems ACS770 Datasheet HTML 4Page - Allegro MicroSystems ACS770 Datasheet HTML 5Page - Allegro MicroSystems ACS770 Datasheet HTML 6Page - Allegro MicroSystems ACS770 Datasheet HTML 7Page - Allegro MicroSystems ACS770 Datasheet HTML 8Page - Allegro MicroSystems ACS770 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Application 1: the ACS770 outputs an analog
signal, VOUT, that varies linearly with the
bidirectional AC or DC primary sampled cur-
rent, IP, within the range specified. RF and
CF are for optimal noise management, with
values that depend on the application.
ACS770xCB
The Allegro™ ACS770 family of current sensor ICs provides
economicalandprecisesolutionsforACorDCcurrentsensing.
Typical applications include motor control, load detection and
management, power supply and DC-to-DC converter control,
inverter control, and overcurrent fault detection.
The device consists of a precision, low-offset linear Hall
circuit with a copper conduction path located near the die.
Applied current flowing through this copper conduction
path generates a magnetic field that is concentrated by a low
magnetic hysteresis core, then converted by the Hall IC into a
proportionalvoltage.Deviceaccuracyisoptimizedthroughthe
close proximity of the magnetic signal to the Hall transducer.
A precise, proportional output voltage is provided by the
low-offset, chopper-stabilized BiCMOS Hall IC, which is
programmed for accuracy at the factory. Proprietary digital
temperature compensation technology greatly improves the
IC accuracy and temperature stability without influencing the
high bandwidth operation of the analog output.
High level immunity to current conductor dV/dt and stray
electricfieldsisofferedbyAllegroproprietaryintegratedshield
technology for low output voltage ripple and low offset drift
in high-side, high voltage applications.
The output of the device has a positive slope (>VCC/2 for
bidirectionaldevices)whenanincreasingcurrentflowsthrough
theprimarycopperconductionpath(fromterminal4toterminal
5), which is the path used for current sampling. The internal
resistance of this conductive path is 100 µΩ typical, providing
low power loss.
The thickness of the copper conductor allows survival of the
device at high overcurrent conditions. The terminals of the
ACS770-DS, Rev. 4
Thermally Enhanced, Fully Integrated, Hall Effect-Based
High Precision Linear Current Sensor IC with 100 µΩ Current Conductor
Continued on the next page…
Typical Application
5 V
VOUT
RF
CF
CBYP
0.1 µF
IP+
IP–
2
GND
4
5
ACS770
3
1
VIOUT
VCC
I
P
• Industry-leading total output accuracy achieved with new
piecewise linear digital temperature compensation of
offset and sensitivity
• Industry-leading noise performance through proprietary
amplifier and filter design techniques
• 120 kHz typical bandwidth
• 4.1 µs output rise time in response to step input current
• Integrated shield greatly reduces capacitive coupling
from current conductor to die due to high dV/dt signals,
and prevents offset drift in high-side, high voltage
applications
• Greatly improved total output error through digitally
programmed and compensated gain and offset over the
full operating temperature range
• Small package size, with easy mounting capability
• Monolithic Hall IC for high reliability
• Ultra-low power loss:100 µΩ internal conductor
resistance
• Galvanic isolation allows use in economical, high-side
current sensing in high voltage systems
• 4.5 to 5.5 V, single supply operation
• Output voltage proportional to AC or DC currents
• Factory-trimmed for accuracy
• Extremely stable output offset voltage
PFF
Leadform
PSF
Leadform
Additional leadforms available for qualifying volumes
Ty
pe
te
ste
d
Package: 5-pin package (suffix CB)
Continued on the next page…
DESCRIPTION
FEATURES AND BENEFITS
TÜV America
Certificate Number:
U8V 14 05 54214 028


Similar Part No. - ACS770

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS770ECB-200B-PFF-T ALLEGRO-ACS770ECB-200B-PFF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
ACS770ECB-200B-PSF-T ALLEGRO-ACS770ECB-200B-PSF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
ACS770ECB-200U-PFF-T ALLEGRO-ACS770ECB-200U-PFF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
ACS770ECB-200U-PSF-T ALLEGRO-ACS770ECB-200U-PSF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
ACS770KCB-150B-PFF-T ALLEGRO-ACS770KCB-150B-PFF-T Datasheet
1Mb / 29P
4.1 關s output rise time in response to step input current
More results

Similar Description - ACS770

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS72981XLR ALLEGRO-ACS72981XLR Datasheet
3Mb / 45P
High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 關廓 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com