Electronic Components Datasheet Search
  English  ▼

X  

ACS770 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # ACS770
Description  Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button ACS770 Datasheet HTML 18Page - Allegro MicroSystems ACS770 Datasheet HTML 19Page - Allegro MicroSystems ACS770 Datasheet HTML 20Page - Allegro MicroSystems ACS770 Datasheet HTML 21Page - Allegro MicroSystems ACS770 Datasheet HTML 22Page - Allegro MicroSystems ACS770 Datasheet HTML 23Page - Allegro MicroSystems ACS770 Datasheet HTML 24Page - Allegro MicroSystems ACS770 Datasheet HTML 25Page - Allegro MicroSystems ACS770 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
High Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
22
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Output Voltage versus Sampled Current
Total Output Error at 0 A and at Full-Scale Current
Increasing VIOUT(V)
+IP (A)
Accuracy
Accuracy
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
0 A
v r
O e ∆Temp erature
Average
VIOUT
–IP (A)
v r
O e ∆Temp erature
v r
O e ∆Temp erature
Decreasing VIOUT(V)
IP(min)
IP(max)
Half Scale
Definitions of Dynamic Response Character-
istics
POWER-ON DELAY (tPOD)
When the supply is ramped to its operating voltage, the device
requires a finite time to power its internal components before
responding to an input magnetic field.
Power-On Delay, tPOD , is defined as the time it takes for the out-
put voltage to settle within ±10% of its steady state value under
an applied magnetic field, after the power supply has reached its
minimum specified operating voltage, VCC(min), as shown in the
chart at right.
TEMPERATURE COMPENSATION POWER-ON TIME
(tTC )
After Power-On Delay, tPOD, elapses, tTC also is required before a
valid temperature compensated output.
RISE TIME (tr)
The time interval between a) when the device reaches 10% of its
full scale value, and b) when it reaches 90% of its full scale value.
Both tr and tRESPONSE are detrimentally affected by eddy current
losses observed in the conductive IC ground plane.
RESPONSE TIME (tRESPONSE)
The time interval between a) when the applied current reaches
80% of its final value, and b) when the sensor reaches 80% of its
output corresponding to the applied current.
PROPAGATION DELAY (tPROP)
The time interval between a) when the input current reaches 20%
of its final value, and b) when the output reaches 20% of its final
value.
POWER-ON RESET VOLTAGE (VPOR )
At power-up, to initialize to a known state and avoid current
spikes, the ACS770 is held in Reset state. The Reset signal is
disabled when VCC reaches VUVLOH and time tPORR has elapsed,
allowing output voltage to go from a high impedance state
into normal operation. During power-down, the Reset signal is
enabled when VCC reaches VPORL, causing output voltage to
go into a high impedance state. (Note that a detailed description
of POR and UVLO operation can be found in the Functional
Description section.)
Applied Magnetic Field
Transducer Output
90
10
20
0
(%)
Propagation Delay, tPROP
Rise Time, tr
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com