Electronic Components Datasheet Search
  English  ▼

X  

OPA347 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA347
Description  microPower, Rail-to-Rail Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA347 Datasheet HTML 7Page - Texas Instruments OPA347 Datasheet HTML 8Page - Texas Instruments OPA347 Datasheet HTML 9Page - Texas Instruments OPA347 Datasheet HTML 10Page - Texas Instruments OPA347 Datasheet HTML 11Page - Texas Instruments OPA347 Datasheet HTML 12Page - Texas Instruments OPA347 Datasheet HTML 13Page - Texas Instruments OPA347 Datasheet HTML 14Page - Texas Instruments OPA347 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
OPA347, 2347, 4347
11
SBOS167C
www.ti.com
OPA2347 WCSP PACKAGE
The OPA2347YED is a die-level package using bump-on-pad
technology. Unlike plastic packages, the OPA2347YED has no
molding compound, lead frame, wire bonds, or leads. Using
standard surface-mount assembly procedures, the WCSP can
be mounted to a printed circuit board without additional under
fill. Figures 10 and 11 detail pinout and package marking.
FIGURE 10. Pin Description.
PACKAGE DIMENSIONS
The OPA2347YED is transported in tape and reel media and
is described in Table I and Figure 12. Pin 1 orientation is
consistent throughout the tape and reel carrier, with balls
facing down in each pocket of the carrier tape. The location
of Pin 1 is specified in Figure 12.
FIGURE 11. Top View Package Marking.
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2347
(bump side down)
Not to Scale
WCSP-8
(top view)
OPA2347YED
Top View
(bump side down)
Actual Size:
Package Marking Code:
YMD = year/month/day
CC = indicates OPA2347
S = for engineering purposes only
Exact Size:
1.008mm x 2.100mm
TEST
CONDITION
ACCEPT CRITERIA (ACTUAL)
SAMPLE SIZE
Temperature Cycle
–40
°C to 125°C, 1 Cycle/hr, 15 Minute Ramp(1)
10 Minute Dwell
500 (1600) Cycles, R < 1.2X from R0
36
Drop
50cm
10 (129) Drops, R < 1.2X from R0
8
Key Push
100 Cycles/min,
5K (6.23K) Cycles, R < 1.2X from R0
8
1300
µε, Displacement = 2.7mm Max
3 Point Bend
Strain Rate 5 mm/min, 85 mm Span
R < 1.2X from R0
8
NOTE: (1) Per IPC9701.
TABLE II. Reliability Test Results.
PHOTOSENSITIVITY
Although the OPA2347YED package has a protective back-
side coating that reduces the amount of light exposure on the
die, unless fully shielded, ambient light will still reach the
active region of the device. Input bias current for the
OPA2347YED package is specified in the absence of light.
Depending on the amount of light exposure in a given
application, an increase in bias current, and possible in-
creases in offset voltage should be expected. In circuit board
tests under ambient light conditions, a typical increase in bias
current reached 100pA. Flourescent lighting may introduce
noise or hum due to their time varying light output. Best
practice should include end-product packaging that provides
shielding from possible light souces during operation.
DIMENSIONS (mm)
OPA2347YED
Pocket Width, A0
1.12
± 0.10
Pocket Length, B0
2.13
± 0.10
Pocket Depth, K0
0.61
± 0.10
Pocket Pitch, P1
4.00
± 0.10
Sprocket Hole-to-Pocket Centerline, F
3.50
± 0.05
Sprocket Hole-to-Pocket Offset, P2
2.00
± 0.05
Sprocket Hole Pitch, P0
4.00
± 0.10
Tape Width, W
8.00
± 0.30
Reel Diameter, Max
TBD
TABLE I. Carrier Tape Dimensions.
FIGURE 12. Tape and Reel Carrier Tape Diagram.
+
+++
+++
++
++
++
5
°
K
O
C
L
0.229
1.50
± 0.10
1.75
± 0.10
Y
Y
Pin 1(1)
Section Y – Y
Dimensions in mm
P
1
P
0
E
1
B
0
F
W
A
0
P
2
NOTE: (1) Pin 1 location is
in the upper left-hand corner
of the cavity. Units are shipped
with bumps down.
LAND PATTERNS AND ASSEMBLY
The recommended land pattern for the OPA2347YED package
is detailed in Figure 13 with specifications listed in Table III.
The maximum amount of force during assembly should be
limited to 30 grams of force per bump.
RELIABILITY TESTING
To ensure reliability, the OPA2347YED has been verified to
successfully pass a series of reliability stress tests. A sum-
mary of JEDEC standard reliability tests is shown in Table II.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com