Electronic Components Datasheet Search
  English  ▼

X  

OPA347 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA347
Description  microPower, Rail-to-Rail Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347 Datasheet(HTML) 2 Page - Texas Instruments

  OPA347 Datasheet HTML 1Page - Texas Instruments OPA347 Datasheet HTML 2Page - Texas Instruments OPA347 Datasheet HTML 3Page - Texas Instruments OPA347 Datasheet HTML 4Page - Texas Instruments OPA347 Datasheet HTML 5Page - Texas Instruments OPA347 Datasheet HTML 6Page - Texas Instruments OPA347 Datasheet HTML 7Page - Texas Instruments OPA347 Datasheet HTML 8Page - Texas Instruments OPA347 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
OPA347, 2347, 4347
2
SBOS167C
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA347NA
SOT23-5
DBV
–55
°C to +125°C
A47
OPA347NA/250
Tape and Reel, 250
""
"
"
"
OPA347NA /3K
Tape and Reel, 3000
OPA347PA
DIP-8
P
–55
°C to +125°C
OPA347PA
OPA347PA
Rails, 50
OPA347UA
SO-8
D
–55
°C to +125°C
OPA347UA
OPA347UA
Rails, 100
""
"
"
"
OPA347UA /2K5
Tape and Reel, 2500
OPA347SA
SC-70
DCK
–55
°C to +125°C
S47
OPA347SA/250
Tape and Reel, 250
""
"
"
"
OPA347SA/3K
Tape and Reel, 3000
OPA2347EA
SOT23-8
DCN
–55
°C to +125°C
B47
OPA2347EA /250
Tape and Reel, 250
""
"
"
"
OPA2347EA /3K
Tape and Reel, 3000
OPA2347UA
SO-8
D
–55
°C to +125°C
OPA2347UA
OPA2347UA
Rails, 100
""
"
"
"
OPA2347UA /2K5
Tape and Reel, 2500
OPA2347YED
WCSP-8
YED
–55
°C to +125°C
YMD CCS
OPA2347YEDT
Tape and Reel, 250
""
"
"
"
OPA2347YEDR
Tape and Reel, 3000
OPA4347EA
TSSOP-14
PW
–55
°C to +125°C
OPA4347EA
OPA4347EA /250
Tape and Reel, 250
""
"
"
"
OPA4347EA /2K5
Tape and Reel, 2500
OPA4347UA
SO-14
D
–55
°C to +125°C
OPA4347UA
OPA4347UA
Rails, 58
""
"
"
"
OPA4347UA /2K5
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
Supply Voltage, V+ to V– ................................................................... 7.5V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –65
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only. Functional opera-
tion of the device at these conditions, or beyond the specified operating
conditions, is not implied. (2) Input terminals are diode-clamped to the
power-supply rails. Input signals that can swing more than 0.5V beyond the
supply rails should be current-limited to 10mA or less. (3) Short-circuit to
ground, one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com