Electronic Components Datasheet Search
  English  ▼

X  

OPA623AD Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA623AD
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA623AD Datasheet(HTML) 5 Page - Texas Instruments

  OPA623AD Datasheet HTML 1Page - Texas Instruments OPA623AD Datasheet HTML 2Page - Texas Instruments OPA623AD Datasheet HTML 3Page - Texas Instruments OPA623AD Datasheet HTML 4Page - Texas Instruments OPA623AD Datasheet HTML 5Page - Texas Instruments OPA623AD Datasheet HTML 6Page - Texas Instruments OPA623AD Datasheet HTML 7Page - Texas Instruments OPA623AD Datasheet HTML 8Page - Texas Instruments OPA623AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
OPA623
TYPICAL PERFORMANCE CURVES
At VCC = ±5VDC, RL = 100Ω, IQ = ±4mA, RIN = 150Ω, and TAMB = +25°C unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
30
25
20
15
10
5
0
–5
–10
–40
–20
0
20
40
60
80
100
Temperature (°C)
+Input
–Input
OVERLOAD RECOVERY CHARACTERISTICS
Time (ns)
3
2.25
1.5
0.75
0
–0.75
–1.5
–2.25
–3
0
102030405060708090
100
6
4.5
3
1.5
0
–1.5
–3
–4.5
–6
V
OUT
V
IN
G
CL = +2V/V, VIN = 3.75Vp-p, RL = 100Ω, tF = tR = 1ns)
INPUT OFFSET VOLTAGE WARMUP
0
100
90
80
70
60
50
40
30
20
10
0
Time (Minutes)
12
3
4
5
6789
10
AU
AP
QUIESCENT CURRENT WARMUP
100.5
100
99.5
99
98.5
98
97.5
97
96.5
96
Time (minutes)
01
2
3
4
5
AP
AU
CLOSED-LOOP OFFSET VOLTAGE vs TEMPERATURE
0
–2
–4
–6
–8
–10
–12
–14
–16
–40
–20
0
20
40
60
80
100
Temperature (°C)
QUIESCENT CURRENT vs TEMPERATURE
10
9
8
7
6
5
4
3
2
1
0
Temperature (°C)
–40
–20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com