Electronic Components Datasheet Search
  English  ▼

X  

OPA623AD Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA623AD
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA623AD Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA623AD Datasheet HTML 6Page - Texas Instruments OPA623AD Datasheet HTML 7Page - Texas Instruments OPA623AD Datasheet HTML 8Page - Texas Instruments OPA623AD Datasheet HTML 9Page - Texas Instruments OPA623AD Datasheet HTML 10Page - Texas Instruments OPA623AD Datasheet HTML 11Page - Texas Instruments OPA623AD Datasheet HTML 12Page - Texas Instruments OPA623AD Datasheet HTML 13Page - Texas Instruments OPA623AD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
®
OPA623
FIGURE 3. Non-Inverting Current-Feedback Op Amp Configuration.
B
1
–V
CC
V
IN
+V
CC
R
IN
+In
–In
R
1
R
2
Out
V
OUT
7
3
4
2
6
lines or loads. The buffer output is not current-limited or
protected.
As can be seen in Figure 3, the feedback in the form of a
current is applied through R
2 to the low-impedance inverting
input, and the size of R2 || R1 determines the open-loop gain
of the op amp.
The hybrid model shown in Figure 4 describes the AC
behavior of a wide-band current-feedback op amp that is not
internally compensated. The open-loop frequency response,
which is illustrated in Figure 5 for various R
2 values, is
determined by two time constants. The elements R and C
between the current source output and the output buffer form
the dominant open-loop pole TC. The signal delay time TD
modelled in the output buffer combines several small phase-
shifting time constants and delay times. They are distributed
throughout the amplifiers and are also present in the feed-
back loop. As shown in Figure 5, increasing R2 || R1 leads to
a decreasing open-loop gain. The ratio of the two time
constants TC and TD also determines the product GOL • GCL
for optimal closed-loop frequency response:
FIGURE 4. Hybrid Model OPA623.
–1
R
2
R
1
g
m
+In
3
2
6
R
T
C
T
Out
T
D
–In
provides a nearly constant closed-loop bandwidth, as shown
in Figure 6 for various gains with an optimal flat frequency
response. This behavior stands in contrast to op amps that
are internally compensated for stable unity-gain operation,
where the bandwidth is inversely proportional to the closed-
loop gain, sharply limiting the bandwidth and slew rate at
high output levels and gains.
In general, lower feedback resistors produce wider band-
width, more frequency response peaking, and more pulse
response overshooting. Higher feedback resistors results in
an overdamped response with little or no peaking and
overshooting.
Component pin and layout capacitances together with trace
and wire board inductances from a resonant IC circuit can
lead to oscillations of several hundreds of MHz. This very
high frequency oscillation leads to an excessive increase in
supply current which can destroy the device.
A resistor (100
Ω to 250Ω) in series and close to the high-
impedance, non-inverting input damps the LC circuit and
generates a safe operation.
THERMAL CONSIDERATIONS
The OPA623 does not require a heat sink for operation in
most environments. The use of a heat sink, however, will
The two time constants TC and TD, however, are fixed by the
op amp design. But varying R
2 || R1 externally in the
feedback loop allows for variation of the open-loop gain
G
OL versus the closed-loop gain GCL. This keeps the product
GOL * GCL constant, which is the theoretical condition for
optimally flat frequency response.
This variation may be beneficial when driving high capaci-
tive loads. Setting the open-loop gain externally also allows
the circuit to be optimized to a wide range of capacitive
loads, as shown in Figure 7 for a closed-loop gain of
+2V/V and a capacitive load of up to 47pF.
It should be noted here that higher open-loop gain (resulting
from lower feedback resistors) also yields lower distortion.
With external control of the open-loop characteristics of the
op amp, dynamic behavior can be tailored to individual
application requirements, and the open-loop gain selection
TC
2TD
+
GOL = GCL•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com