Electronic Components Datasheet Search
  English  ▼

X  

OPA634U Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA634U
Description  Wideband, Single-Supply OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA634U Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA634U Datasheet HTML 3Page - Texas Instruments OPA634U Datasheet HTML 4Page - Texas Instruments OPA634U Datasheet HTML 5Page - Texas Instruments OPA634U Datasheet HTML 6Page - Texas Instruments OPA634U Datasheet HTML 7Page - Texas Instruments OPA634U Datasheet HTML 8Page - Texas Instruments OPA634U Datasheet HTML 9Page - Texas Instruments OPA634U Datasheet HTML 10Page - Texas Instruments OPA634U Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
OPA634, OPA635
7
SBOS097A
TYPICAL PERFORMANCE CURVES: VS = +5V (Cont.)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
2nd-HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
10
120
V
O = 2Vp-p
R
L = 100Ω
G = +2
G = +10
G = +5
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
3rd-HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
10
120
V
O = 2Vp-p
R
L = 100Ω
G = +5
G = +2
G = +10
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
HARMONIC DISTORTION vs LOAD RESISTANCE
R
L (Ω)
100
200
300
400
500
V
O = 2Vp-p
f
O = 5MHz
3rd-Harmonic
Distortion
2nd-Harmonic
Distortion
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
TWO-TONE, 3rd-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–16
–14
–12
–10
–8
–6
–4
–20
f
O = 5MHz
f
O = 10MHz
f
O = 20MHz
Load Power at
Matched 50
Ω Load
80
75
70
65
60
55
50
45
40
35
30
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
PSRR
CMRR
100
10
1
INPUT NOISE DENSITY vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
Voltage Noise, e
ni = 5.6nV/√Hz
Current Noise, i
ni = 2.8pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com