Electronic Components Datasheet Search
  English  ▼

X  

OPA634U Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA634U
Description  Wideband, Single-Supply OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA634U Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA634U Datasheet HTML 8Page - Texas Instruments OPA634U Datasheet HTML 9Page - Texas Instruments OPA634U Datasheet HTML 10Page - Texas Instruments OPA634U Datasheet HTML 11Page - Texas Instruments OPA634U Datasheet HTML 12Page - Texas Instruments OPA634U Datasheet HTML 13Page - Texas Instruments OPA634U Datasheet HTML 14Page - Texas Instruments OPA634U Datasheet HTML 15Page - Texas Instruments OPA634U Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
OPA634, OPA635
12
SBOS097A
DC LEVEL SHIFTING
Figure 3 shows a DC-coupled non-inverting amplifier that
level-shifts the input up to accommodate the desired output
voltage range. Given the desired signal gain (G), and the
amount VOUT needs to be shifted up (∆VOUT) when VIN is at
the center of its range, the following equations give the
resistor values that produce the desired performance. Start
by setting R4 between 200Ω and 1.5kΩ.
NG = G +
∆V
OUT/VS
R1 = R4/G
R2 = R4/(NG – G)
R3 = R4/(NG –1)
where:
NG = 1 + R4/R3
VOUT = (G)VIN + (NG – G)VS
Make sure that VIN and VOUT stay within the specified input
and output voltage ranges.
NON-INVERTING AMPLIFIER WITH
REDUCED PEAKING
Figure 4 shows a non-inverting amplifier that reduces peak-
ing at low gains. The resistor RC compensates the OPA634
or OPA635 to have higher Noise Gain (NG), which reduces
the AC response peaking (typically 5dB at G = +1 without
RC) without changing the DC gain. VIN needs to be a low
impedance source, such as an op amp. The resistor values
are low to reduce noise. Using both RT and RF helps
minimize the impact of parasitic impedances.
OPA63x
+V
S
V
OUT
V
IN
R
3
R
2
R
1
R
4
FIGURE 3. DC Level-Shifting Circuit.
OPA63x
V
OUT
V
IN
R
G
R
T
R
F
R
C
FIGURE 4. Compensated Non-Inverting Amplifier.
The front page circuit is a good example of this type
of application. It was designed to take VIN between
0V and 0.5V, and produce VOUT between 1V and 2V,
when using a +3V supply. This means G = 2.00, and
∆V
OUT = 1.50V – G • 0.25V = 1.00V. Plugging into the
above equations (with R4 = 750Ω) gives: NG = 2.33,
R1 = 375Ω, R2 = 2.25kΩ, and R3 = 563Ω. The resistors
were changed to the nearest standard values.
The Noise Gain can be calculated as follows:
G
R
R
G
RR
G
R
NG
G G
F
G
TF
C
1
2
1
12
1
1
=+
=+
+
=
/
A unity gain buffer can be designed by selecting RT = RF =
20.0
Ω and R
C = 40.2Ω (do not use RG). This gives a Noise
Gain of 2, so its response will be similar to the Characteris-
tics Plots with G = +2. Decreasing RC to 20.0Ω will increase
the Noise Gain to 3, which typically gives a flat frequency
response, but with less bandwidth.
The circuit in Figure 1 can be redesigned to have less
peaking by increasing the noise gain to 3. This is accom-
plished by adding RC = 2.55kΩ between the op amps inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com