Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA655
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA655 Datasheet(HTML) 2 Page - Texas Instruments

  OPA655 Datasheet HTML 1Page - Texas Instruments OPA655 Datasheet HTML 2Page - Texas Instruments OPA655 Datasheet HTML 3Page - Texas Instruments OPA655 Datasheet HTML 4Page - Texas Instruments OPA655 Datasheet HTML 5Page - Texas Instruments OPA655 Datasheet HTML 6Page - Texas Instruments OPA655 Datasheet HTML 7Page - Texas Instruments OPA655 Datasheet HTML 8Page - Texas Instruments OPA655 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
OPA655
2
SPECIFICATIONS
At TA = +25°C, VS = ±5V, RFB = 100Ω, and RL = 100Ω, unless otherwise noted. RFB = 0 for G = +1.
OPA655P, U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
FREQUENCY RESPONSE
Closed-Loop Response
Gain = +1V/V, VO = 200mVp-p
400
MHz
Gain = +2V/V, VO = 200mVp-p
185
MHz
Gain = +5V/V, VO = 200mVp-p
57
MHz
Gain = +10V/V, VO = 200mVp-p
24
MHz
Gain-Bandwidth Product
240
MHz
Slew Rate
G = +1, 1V Step
210
290
V/
µs
Over Temperature
200
V/
µs
Rise Time
0.2V Step
1
ns
Fall Time
0.2V Step
1
ns
Settling Time: 0.01%
G = +1, 1V Step
17
ns
0.1%
G = +1, 1V Step
8
ns
1%
G = +1, 1V Step
6
ns
Spurious-Free Dynamic Range
G = +1, f = 5MHz
75
90
dBc
VO = ±1V, RL = 100Ω
Differential Gain
3.58MHz, 0 to 1.4V, RL = 150Ω
0.006
%
Differential Phase
3.58MHz, 0 to 1.4V, RL = 150Ω
0.009
degrees
Bandwidth for 0.1dB flatness
G = +2, 2Vp-p
30
MHz
OFFSET VOLTAGE
Input Offset Voltage
±1
±2mV
Over Temperature
±10
µV/°C
Power Supply Rejection (+VS)|VS| = 4.50V to 5.50V
55
70
dB
(–VS)50
65
dB
INPUT BIAS CURRENT(1)
Input Bias Current
VCM = 0V
–5
–125
pA
Over Temperature
VCM = 0V
–8.0
nA
Input Offset Current
VCM = 0V
±2
±125
pA
Over Temperature
VCM = 0V
±8nA
NOISE
Input Voltage Noise
Noise Density: f = 100Hz
20
nV/
√Hz
f = 1kHz
8
nV/
√Hz
f = 10kHz
6
nV/
√Hz
f = 0.1MHz to 100MHz
6
nV/
√Hz
Integrated Voltage Noise,
BW = 1MHz to 100MHz
60
µVrms
Input Bias Current Noise
Current Noise Density,
f = 10Hz to 10kHz
1.3
4
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.75
V
Over Temperature
±2.5
V
Common-Mode Rejection
VCM = ±0.5V
55
70
dB
INPUT IMPEDANCE
Differential
1012 || 1.2
Ω || pF
Common-Mode
1012 || 1.0
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±2V, RL = 100Ω
53
58
dB
Over Temperature
VO = ±2V, RL = 100Ω
50
dB
OUTPUT
Voltage Output
RL = 100Ω, G = +1
±3.0
±3.4
V
Over Temperature
±2.8
V
Current Output
±35
±60
mA
Over Temperature
±28
mA
Short-Circuit Output Current
±140
mA
Output Resistance
0.1MHz, G = +1
0.04
Ω
POWER SUPPLY
Specified Operating Voltage
±5V
Operating Voltage Range
TMIN to TMAX
±4.75
±5.25
V
Quiescent Current
TMIN to TMAX
±21
±25
±29
mA
Over Temperature
±31
mA
TEMPERATURE RANGE
Specification: P, U
–40
+85
°C
Thermal Resistance,
θ
JA
P
100
°C/W
U
125
°C/W
NOTE: (1) Junction temperature
≈ +25°C for room temperature tested input bias and offset current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com