Electronic Components Datasheet Search
  English  ▼

X  

OPA655 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA655
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA655 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA655 Datasheet HTML 7Page - Texas Instruments OPA655 Datasheet HTML 8Page - Texas Instruments OPA655 Datasheet HTML 9Page - Texas Instruments OPA655 Datasheet HTML 10Page - Texas Instruments OPA655 Datasheet HTML 11Page - Texas Instruments OPA655 Datasheet HTML 12Page - Texas Instruments OPA655 Datasheet HTML 13Page - Texas Instruments OPA655 Datasheet HTML 14Page - Texas Instruments OPA655 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
®
OPA655
differential gain of 1.5V/V (3.5dB) to the matched load as
shown in Figure 10. The C
T tuning capacitor is used to
match the high frequency gains for the two signal paths to
improve the high frequency CMRR. Using this adjustment,
a CMRR > 40dB through 100MHz was achieved.
HIGH SPEED INSTRUMENTATION
DIFFERENTIAL AMPLIFIER
Very high speed differential amplifiers can be implemented
using the OPA655. The very low input bias currents allow
relatively high resistor values to be used in a standard single
op amp differential configuration. Alternatively, a very high
input impedance differential amplifier can be implemented
using a three op amp instrumentation amplifier topology as
shown in Figure 9.
FIGURE 8. Maximally Flat Bandwidth.
FIGURE 9. High Input Impedance, Broadband INA.
50
Ω
Load
50
Ω
OPA651
V–
V+
R
G
100
Ω
R
F
100
Ω
300
Ω
300
Ω
R
F
100
Ω
OPA655
OPA655
300
Ω
C
T
1.5 to 6pF
300
Ω
In this example, the OPA655’s provide a differential gain of:
and a common mode gain of 1 to the input of the OPA651
differential stage. The OPA651, a gain of 2 stable, broad-
band voltage feedback op amp, rejects the common mode
signal and provides a differential gain of 1/2 the matched
50
Ω load. This circuit delivers a 136MHz bandwidth at a
1
+
2R
F
R
G


= 3
FIGURE 10. Measured Frequency Response for INA.
DIFFERENTIAL INPUT
3.5dB
2.5
1.5
.5
1M
10M
100M
1G
136MHz
OPTIMIZING PERFORMANCE
DC ACCURACY
The OPA655 is laser trimmed for low input offset voltage,
limiting the need for external trim circuits. In most cases, the
low bias current of the FET input will not contribute signifi-
cantly to the output DC error. For example, at minimum gain
(G = +1) and maximum temperature (85
°C), the error
contribution due to the inverting input bias current would
only exceed the input offset voltage for feedback resistors >
(1mV/3.2nA) = 312k
Ω. Only for relatively high source and/
or feedback resistor values will the input bias current con-
tribute significantly to the output DC error. Similarly, since
the two input bias currents are very low, but not tightly
matched, input bias current cancellation through source
impedance matching is not recommended.
Changes in the power supply voltages contribute to shifts
in the input offset voltage. This can be calculated using
the PSR specifications. For example, a 0.5V change in
the negative power supply will show up typically as a
0.5V • 10(–65/20) = 0.28mV change in the input offset voltage.
Negative common mode voltage inputs can cause an in-
crease in the input bias currents as shown in the Typical
Performance Curves. This can have an effect on DC accu-
racy when the source and/or feedback resistors are large and
the common mode input voltage approaches the negative
limit of –2.5V. Positive input biases are therefore preferred
for diode transimpedance applications requiring a bias volt-
age on the non-inverting op amp input.
BANDWIDTH vs R
F
10
30
10
0.3
1
Transimpedance Gain, R
F (kΩ)
100
1000
C
D = 10pF
C
D =50pF
C
D = 20pF
C
D = 100pF
C
D = 200pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com