Electronic Components Datasheet Search
  English  ▼

X  

OPA655P Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA655P
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA655P Datasheet(HTML) 3 Page - Texas Instruments

  OPA655P Datasheet HTML 1Page - Texas Instruments OPA655P Datasheet HTML 2Page - Texas Instruments OPA655P Datasheet HTML 3Page - Texas Instruments OPA655P Datasheet HTML 4Page - Texas Instruments OPA655P Datasheet HTML 5Page - Texas Instruments OPA655P Datasheet HTML 6Page - Texas Instruments OPA655P Datasheet HTML 7Page - Texas Instruments OPA655P Datasheet HTML 8Page - Texas Instruments OPA655P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
OPA655
Total Supply Voltage Across Device (VS (TOTAL)) ................................ 11V
Internal Power Dissipation ........................... See Thermal Considerations
Differential Input Voltage ............................................................ VS (TOTAL)
Common-Mode Input Voltage Range ..................................................
±V
S
Storage Temperature Range: P, U ............................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(soldering, SO-8, 3s) ...................................... +260
°C
Junction Temperature (TJ ) ............................................................ +175°C
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA655P
8-Pin Plastic DIP
006
OPA655U
SO-8
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE INFORMATION
Top View
DIP/SO-8
PRODUCT
PACKAGE
TEMPERATURE RANGE
OPA655P
8-Pin Plastic DIP
–40
°C to +85°C
OPA655U
SO-8
–40
°C to +85°C
ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.
NOTE: (1) Making use of all four power supply pins is highly recommended,
although not required. Using these four pins, instead of pins 4 and 7 only, will
reduce the effective pin impedance and substantially improve distortion.
1
2
3
4
8
7
6
5
+V
S2
(1)
+V
S1
Output
–V
S2
(1)
NC
Inverting Input
Non-Inverting Input
–V
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com