Electronic Components Datasheet Search
  English  ▼

X  

OPA655P Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA655P
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA655P Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA655P Datasheet HTML 8Page - Texas Instruments OPA655P Datasheet HTML 9Page - Texas Instruments OPA655P Datasheet HTML 10Page - Texas Instruments OPA655P Datasheet HTML 11Page - Texas Instruments OPA655P Datasheet HTML 12Page - Texas Instruments OPA655P Datasheet HTML 13Page - Texas Instruments OPA655P Datasheet HTML 14Page - Texas Instruments OPA655P Datasheet HTML 15Page - Texas Instruments OPA655P Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
®
OPA655
THERMAL CONSIDERATIONS
The OPA655 will not require heatsinking under most oper-
ating conditions. Maximum desired junction temperature
will limit the maximum allowed internal power dissipation
as described below. In no case should the maximum junction
temperature be allowed to exceed +175
°C.
Operating junction temperature (TJ) is given by
TA + PD • θJA. The total internal power dissipation (PD) is a
combination of the quiescent power plus the power dissi-
pated in the output stage to deliver load power. Quiescent
power is simply the specified no-load supply current times
the total supply voltage across the part. PDL will depend on
the required output signal and load but would, for a grounded
resistive load, be at a maximum when the output is a
fixed DC voltage equal to 1/2 of either supply voltage
(assuming equal bipolar supplies). Under this condition
P
DL = VS
2/(4 • R
L) where RL includes feedback network
loading. Note that it is the power dissipated in the output
stage and not in the load that determines internal power
dissipation. As an example, compute the maximum TJ for
the OPA655U at G = +2, R
L = 100Ω, RF = 100Ω, ±VS =
±5V, and at the specified maximum T
A = 85°C. PD = 10V
• 31mA + (52)/[4 • (100 || 200)] = 404mW. Maximum T
J =
85
°C + 0.404W • 125°C/W = 136°C.
LAYOUT AND INTERCONNECT
CONSIDERATIONS
Achieving optimum performance with a high frequency
amplifier like the OPA655 requires careful attention to
layout parasitics and selection of external components. Sug-
gestions include:
• Minimize parasitic capacitance to any AC ground for all
of the signal I/O pins. Parasitic capacitance on the output
and inverting input pins can cause instability; on the non-
inverting input it can react with the source impedance to
cause unintentional bandlimiting. To reduce unwanted
capacitance, a window around the signal I/O pins should
be opened in all of the ground and power planes. Other-
wise, ground and power planes should be unbroken else-
where on the board.
• Minimize the distance (< 0.25") from the four power pins
to high frequency 0.1
µF decoupling capacitors. At the
pins, the ground and power plane layout should not be in
close proximity to the signal I/O pins. The OPA655 may
be operated with only pins 4 and 7 connected as supply
pins allowing a direct replacement into existing 8 pin op
amp pinouts. Connecting the output stage power pins
separately, and decoupling them, will give the best distor-
tion and settling performance. Avoid narrow power and
ground traces to minimize inductance between the pins
and the decoupling capacitors. Larger (2.2
µF to 6.8µF)
decoupling capacitors, effective at lower frequencies,
should also be used. These may be placed somewhat
farther from the device and may be shared among several
devices in the same area of the PC board.
DIFFERENTIAL GAIN AND DIFFERENTIAL PHASE
The OPA655 provides one of the lowest dG/dP errors of any
op amp. This specification is the change in the small signal
gain and phase for a composite video color carrier frequency
when the output voltage is slowly ramped over the lumi-
nance range. The specifications show less than 0.01%/0.01
°
for positive NTSC into a single video load. This level of
performance challenges the accuracy of commercially avail-
able video test equipment. Measurements were taken using
an HP9480 IC parametric test system.
OUTPUT DRIVE CAPABILITY
The guaranteed output current of
±28mA will drive a 100Ω
load over the full guaranteed output voltage range of
±2.8V.
These minimum performance levels are only applicable at
cold temperatures, with higher output voltage and current
available in most applications. Many demanding high speed
applications, such as driving ADC’s, require amplifiers with
low, broadband, output impedance. As shown in Figure 13,
the OPA655 maintains a very low closed loop output imped-
ance over frequency. Closed loop output impedance in-
creases with frequency as the loop gain rolls off.
FIGURE 12. 5MHz Harmonic Distortion vs Load Resistance.
–50
–60
–70
–80
–90
–100
10
100
1000
Load Resistance (
Ω)
2f
O
3f
O
V
O = 2Vp-p, G = +5, fO = 5MHz
FIGURE 13. Small-Signal Output Impedance vs Frequency.
10
1
0.01
0.1
0.001
10k
100k
1M
10M
100M
Frequency (Hz)
G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com