Electronic Components Datasheet Search
  English  ▼

X  

PCF8833 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 52Page - NXP Semiconductors PCF8833 Datasheet HTML 53Page - NXP Semiconductors PCF8833 Datasheet HTML 54Page - NXP Semiconductors PCF8833 Datasheet HTML 55Page - NXP Semiconductors PCF8833 Datasheet HTML 56Page - NXP Semiconductors PCF8833 Datasheet HTML 57Page - NXP Semiconductors PCF8833 Datasheet HTML 58Page - NXP Semiconductors PCF8833 Datasheet HTML 59Page - NXP Semiconductors PCF8833 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
2003 Feb 14
56
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.42
FRAME FREQUENCY PROGRAMMING IN 8-COLOUR MODE
When the Idle mode is selected (see Section 6.2.29) the frame frequency is determined from division factor DF8. In the
Idle mode the PCF8833 works in 8-colour mode and therefore a lower frame frequency can be chosen which will be the
same over the whole temperature range. Calculation of the frame frequency and determining the division factor is the
same as explained in Section 6.2.41.
When Partial mode is selected (see Sections 6.2.10 and 6.2.23) the same frame frequency will be used as for the full
Display mode in Idle mode.
Table 69 Frame frequency programming in 8-colour mode register bits; note 1
Note
1. X = don’t care.
6.2.43
SET BIAS SYSTEM
The LCD supply voltage and the bias voltages, which can be chosen, depend on the Liquid Crystal (LC) that is used. In
equation (3) the relationship between the VON/VOFF ratio of LC parameters and the bias system (a) for a given display
size (N) is given.
(3)
D/C
76543210
DEFAULT
011000110
C6H
1
X
DF86
DF85
DF84
DF83
DF82
DF81
DF80
35H
handbook, full pagewidth
MGU940
frame
frequency
T (
°C)
35
49
79
−40
−11
DFA
DFC
DFB
DFD
Fig.31 Segmented temperature frame frequency.
V
ON
V
OFF
-------------
a
2
N2a
++
a
2
N2a
–
+
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com