Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA680
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA680 Datasheet(HTML) 1 Page - Texas Instruments

  OPA680 Datasheet HTML 1Page - Texas Instruments OPA680 Datasheet HTML 2Page - Texas Instruments OPA680 Datasheet HTML 3Page - Texas Instruments OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Wideband, Voltage Feedback
OPERATIONAL AMPLIFIER With Disable
FEATURES
q FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±5V Dual Supply
q UNITY-GAIN STABLE: 500MHz (G = 1)
q HIGH OUTPUT CURRENT: 190mA
q OUTPUT VOLTAGE SWING:
±4.0V
q HIGH SLEW RATE: 1800V/
µs
q LOW SUPPLY CURRENT: 5.5mA
q LOW DISABLED CURRENT: 100
µA
q WIDEBAND +5V OPERATION: 220MHz (G = 2)
APPLICATIONS
q VIDEO LINE DRIVER
q xDSL LINE DRIVER/RECEIVER
q HIGH SPEED IMAGING CHANNELS
q ADC BUFFERS
q PORTABLE INSTRUMENTS
q TRANSIMPEDANCE AMPLIFIERS
q ACTIVE FILTERS
q OPA680 UPGRADE
DESCRIPTION
The OPA690 represents a major step forward in unity-gain
stable, voltage feedback op amps. A new internal architec-
ture provides slew rate and full-power bandwidth previously
found only in wideband current feedback op amps. A new
output stage architecture delivers high currents with a
minimal headroom requirement. These combine to give
exceptional single-supply operation. Using a single +5V
supply, the OPA690 can deliver a 1V to 4V output swing
with over 150mA drive current and 150MHz bandwidth.
This combination of features makes the OPA690 an ideal
RGB line driver or single-supply Analog-to-Digital Con-
verter (ADC) input driver.
The OPA690’s low 5.5mA supply current is precisely trimmed
at 25
°C. This trim, along with low temperature drift, gives
lower maximum supply current than competing products.
System power may be reduced further using the optional
disable control pin. Leaving this disable pin open, or holding
it HIGH, will operate the OPA690 normally. If pulled LOW,
the OPA690 supply current drops to less than 100
µA while
the output goes to a high impedance state. This feature may
be used for power savings.
OPA690 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage Feedback
OPA680
OPA2690
OPA3690
Current Feedback
OPA691
OPA2691
OPA3691
Fixed Gain
OPA692
OPA2682
OPA3692
OPA690
SBOS223A—DECEMBER 2001 – REVISED JULY 2002
www.ti.com
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OPA6
90
OPA6
90
R
4
20
Ω
R
5
20
Ω
C
3
20pF
C
6
20pF
C
4
10
µF
C
5
0.1
µF
THS1040
10-Bit
40MSPS
AIN+
AIN–
V
REF = 1V
C
2
8
OPA690
3
2
4
R
1
+5V
R
2
R
1
R
3
0.1
µF
2.5V
C
1
V
I
3.3V
Single-Supply ADC Driver
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - OPA680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA680 TI1-OPA680 Datasheet
195Kb / 20P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA680 TI1-OPA680 Datasheet
833Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
217Kb / 22P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 TI1-OPA680 Datasheet
377Kb / 22P
Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com