Electronic Components Datasheet Search
  English  ▼

X  

OPA680 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA680
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA680 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments OPA680 Datasheet HTML 10Page - Texas Instruments OPA680 Datasheet HTML 11Page - Texas Instruments OPA680 Datasheet HTML 12Page - Texas Instruments OPA680 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
OPA690
9
SBOS223A
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, (see Figure 2 for AC performance only), unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
0.7 1
10
700
100
6
3
0
–3
–6
–9
G = +1
R
F = 25Ω
G = +2
G = +5
G = +10
V
O = 0.5Vp-p
LARGE-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
500
100
9
6
3
0
–3
–6
V
O = 2Vp-p
V
O = 3Vp-p
V
O = 1Vp-p
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
G = +2
V
O = 0.5Vp-p
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
G = +2
V
O = 2Vp-p
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000
50
45
40
35
30
25
20
15
10
5
0
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (20MHz/div)
0
100
120
140
160
180
20
40
60
80
200
9
6
3
0
–3
–6
–9
C
L = 22pF
C
L = 47pF
C
L = 100pF
C
L = 10pF
402
Ω
58
Ω
714
Ω
0.1
µF
714
Ω
714
Ω
402
Ω
RS
CL
VIN
+5V
VOUT
+5V
OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com