Electronic Components Datasheet Search
  English  ▼

X  

OPA3690 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3690
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3690 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA3690 Datasheet HTML 2Page - Texas Instruments OPA3690 Datasheet HTML 3Page - Texas Instruments OPA3690 Datasheet HTML 4Page - Texas Instruments OPA3690 Datasheet HTML 5Page - Texas Instruments OPA3690 Datasheet HTML 6Page - Texas Instruments OPA3690 Datasheet HTML 7Page - Texas Instruments OPA3690 Datasheet HTML 8Page - Texas Instruments OPA3690 Datasheet HTML 9Page - Texas Instruments OPA3690 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
OPA690
6
SBOS223A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1000
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
3rd-Harmonic
2nd-Harmonic
5MHz HARMONIC DISTORTION
vs SUPPLY VOLTAGE
Supply Voltage (
±V
S)
2
2.5
3
3.5
4
4.5
5
5.5
6
–60
–65
–70
–75
–80
3rd-Harmonic
2nd-Harmonic
V
O = 2Vp-p
R
L = 100Ω
f = 5MHz
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
–40
–50
–60
–70
–80
–90
–100
V
O = 2Vp-p
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
5
–60
–65
–70
–75
–80
R
L = 100Ω
f = 5MHz
3rd-Harmonic
2nd-Harmonic
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
110
20
–40
–50
–60
–70
–80
–90
3rd-Harmonic
2nd-Harmonic
V
O = 2Vp-p
R
L = 100Ω
f = 5MHz
Figure1
HARMONIC DISTORTION vs INVERTING GAIN
Inverting Gain (V/V)
110
20
–40
–50
–60
–70
–80
3rd-Harmonic
2nd-Harmonic
V
O = 2Vp-p
R
L = 100Ω
f = 5MHz
R
F = 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com