Electronic Components Datasheet Search
  English  ▼

X  

OPA3690 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3690
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3690 Datasheet(HTML) 2 Page - Texas Instruments

  OPA3690 Datasheet HTML 1Page - Texas Instruments OPA3690 Datasheet HTML 2Page - Texas Instruments OPA3690 Datasheet HTML 3Page - Texas Instruments OPA3690 Datasheet HTML 4Page - Texas Instruments OPA3690 Datasheet HTML 5Page - Texas Instruments OPA3690 Datasheet HTML 6Page - Texas Instruments OPA3690 Datasheet HTML 7Page - Texas Instruments OPA3690 Datasheet HTML 8Page - Texas Instruments OPA3690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
OPA690
2
SBOS223A
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA690ID
SO-8
D
–40
°C to +85°C
OPA690
OPA690ID
Rails, 100
"
"""
"
OPA690IDR
Tape and Reel, 2500
OPA690IDBV
SOT23-6
DBV
–40
°C to +85°C
OAEI
OPA690IDBVT
Tape and Reel, 250
"
"""
"
OPA690IDBVR
Tape and Reel, 3000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
1
2
3
4
8
7
6
5
NC
Inverting Input
Noninverting Input
–V
S
DIS
+V
S
Output
NC
PIN CONFIGURATIONS
Top View
SO
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation .................................... See Thermal Analysis
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ...........................................................................
±V
S
Storage Temperature Range: D, DBV ........................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
ESD Resistance: HBM .................................................................... 2000V
MM ........................................................................ 200V
CDM .................................................................... 1500V
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
Top View
SOT23
PACKAGE/ORDERING INFORMATION
1
2
3
6
5
4
Output
–V
S
Noninverting Input
+V
S
DIS
Inverting Input
OAEI
Pin Orientation/Package Marking
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com